Electronic Components Datasheet Search
  English  ▼

X  

ICS8530-01 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8530-01
Description  Maximum output frequency
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8530-01 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8530-01 Datasheet HTML 6Page - Integrated Device Technology ICS8530-01 Datasheet HTML 7Page - Integrated Device Technology ICS8530-01 Datasheet HTML 8Page - Integrated Device Technology ICS8530-01 Datasheet HTML 9Page - Integrated Device Technology ICS8530-01 Datasheet HTML 10Page - Integrated Device Technology ICS8530-01 Datasheet HTML 11Page - Integrated Device Technology ICS8530-01 Datasheet HTML 12Page - Integrated Device Technology ICS8530-01 Datasheet HTML 13Page - Integrated Device Technology ICS8530-01 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ICS8530FY-01 REVISION G NOVEMBER 15, 2012
10
©2012 Integrated Device Technology, Inc.
ICS8530-01 Data Sheet
LOW SKEW, 1-TO-16, DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
The differential outputs are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
transmission lines. Matched impedance techniques should be used
to maximize operating frequency and minimize signal distortion.
Figures 3A and 3B show two different layouts which are
recommended only as guidelines. Other suitable clock layouts may
exist and it would be recommended that the board designers
simulate to guarantee compatibility across all printed circuit and clock
component process variations.
Figure 3A. 3.3V LVPECL Output Termination
Figure 3B. 3.3V LVPECL Output Termination
3.3V
V
CC - 2V
R1
50
Ω
R2
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
+
_
RTT =
* Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
LVPECL
Input
R1
84
Ω
R2
84
Ω
3.3V
R3
125
Ω
R4
125
Ω
Z
o = 50Ω
Z
o = 50Ω
LVPECL
Input
3.3V
3.3V
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com