Electronic Components Datasheet Search
  English  ▼

X  

99014 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 99014
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99014 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  99014 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99014 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99014 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99014 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
11W 254mm 12V AC Linear Module
AC LED Technology by Lynk Labs
Compatible with Phase-cut Dimmers
5 yr. Warranty when used with TRP 12V AC power supply
254mm 12V AC LED Module - Mag/Elec Transformer
Model
Number
Input
Power (W)
Input
Voltage (Vac)
Color
Temp (K)
Lumens
LPW
99011
11
12
2200
619
56
99012
11
12
2700
690
63
99013
11
12
3000
726
66
99014
11
12
4000
826
75
99015
11
12
5000
903
82
Applications
• Linear Lighting
• Cove Lighting
• Under Cabinet Lights
• Step Lights
• Accent Lights
• Garden Lights
• Display Lights
Features
• Compatible with existing 12V AC Power Supplies
• Polarity Independent
• Reliable, fast and easy - “Plug & Play”
• Compatible with most existing leading edge
or trailing edge phase cut AC Dimmers
• High Power Efficiency
• High Power Factor
• Significant Energy Savings
• Durable Light Source
• Long Operating life
• Releasable Poke-in Connectors
Dimensions:
254 ±0.254 mm L x 10 ±0.254 mm W x 5.5 mm ±10% H
Specifications
Drive Voltage:
Power with TRP #99002, 99004, 99006,
or suitable 12V magnetic transformer.
Not to exceed 13V.
AC Current:
833 mA @25ºC typical; 1333 mA max
Power Dissipation:
11W typical; 13W max
Life:
50,000 Hrs, if used as specified
Luminous Flux:
726 lm @3000K
Luminous Efficacy:
66 LPW ±10% @3000K
Viewing Angle:
120 deg
Operating Temp:
-25ºC to +100ºC
Storage Temp:
-40ºC to +100ºC
Soldering Temp:
370ºC
0.0
4.9
4.9
Rev 4-9-15
Low voltage AC LED modules offer an effective replacement for
incandescent, Xenon or Halogen lamps. Patented AC LED technology
eliminates the need for an AC-DC driver. Compatible with existing
magnetic or electronic 12V AC power supplies.


Similar Part No. - 99014

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9901 BELDEN-9901 Datasheet
152Kb / 2P
Transceiver 10BASE5, #20-4pr, FPO, Isolated Shields, PVC Jkt, CM
05-05-2023
logo
Keystone Electronics Co...
9901 KEYSTONE-9901 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
9901 KEYSTONE-9901 Datasheet
270Kb / 1P
PHILIPS PAN HEAD SCREW
9901 KEYSTONE-9901 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Coto Technology
9901-05-00 COTO-9901-05-00 Datasheet
294Kb / 2P
Surface Mount Reed Relays
More results

Similar Description - 99014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99191 ETC2-99191 Datasheet
749Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99186 ETC2-99186 Datasheet
1,010Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99016 ETC2-99016 Datasheet
788Kb / 5P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99036 ETC2-99036 Datasheet
765Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99222 ETC2-99222 Datasheet
720Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99041 ETC2-99041 Datasheet
971Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99071 ETC2-99071 Datasheet
956Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com