Electronic Components Datasheet Search
  English  ▼

X  

99261 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 99261
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99261 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  99261 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99261 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99261 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99261 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99261 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
12W 254mm 12V AC Electronic Linear Module
AC LED Technology by Lynk Labs
Compatible with Phase-cut Dimmers
5 yr. Warranty when used with TRP 12V AC power supply
254mm 12V AC LED Module - Electronic Transformer Only
Model
Number
Input
Power (W)
Input
Voltage (Vac)
Color
Temp (K)
Lumens
LPW
99016
11.8
12
2200
753
64
99260
11.8
12
2700
770
65
99017
11.8
12
3000
779
66
99261
11.8
12
3500
794
67
99018
11.8
12
4000
803
68
99019
11.8
12
5000
822
70
99020
11.8
12
5700
833
71
Applications
• Linear Lighting
• Cove Lighting
• Under Cabinet Lights
• Step Lights
• Accent Lights
• Garden Lights
• Display Lights
Features
• Compatible with existing electronic 12V AC Power Supplies
• Polarity Independent
• Reliable, fast and easy - “Plug & Play”
• Compatible with most existing leading edge
or trailing edge phase cut AC Dimmers
• High Power Efficiency
• High Power Factor
• Significant Energy Savings
• Durable Light Source
• Long Operating life
Dimensions:
254 ±0.254 mm L x 10 ±0.254 mm W x 2.0 mm ±10% H
Specifications
Drive Voltage:
Power with TRP #99002, 99004 or
99006 electronic transformer.
Not to exceed 13V.
AC Current:
1050mA @25ºC typical; 1167mA max
Power Dissipation:
11.8W typical; 14W max
Life:
50,000 Hrs, if used as specified
Luminous Flux:
711 lm @3000K
Luminous Efficacy:
71 LPW ±10% @3000K
Viewing Angle:
120 deg
Operating Temp:
-25ºC to +100ºC
Storage Temp:
-40ºC to +100ºC
Soldering Temp:
370ºC
0.0
4.9
4.9
Modules can be daisy-chained, limit of 4 per chain.
Rev 4-9-15
Low voltage AC LED modules offer an effective replacement for
incandescent, Xenon or Halogen lamps. Patented AC LED technology
eliminates the need for an AC-DC driver. Compatible with existing
electronic 12V AC power supplies.


Similar Part No. - 99261

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
9926 VBSEMI-9926 Datasheet
996Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
logo
Goford Semiconductor
9926 GOFORD-9926 Datasheet
1Mb / 6P
Power switching application
logo
List of Unclassifed Man...
99264 ETC2-99264 Datasheet
906Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99265 ETC2-99265 Datasheet
906Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99266 ETC2-99266 Datasheet
971Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results

Similar Description - 99261

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99191 ETC2-99191 Datasheet
749Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99186 ETC2-99186 Datasheet
1,010Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99011 ETC2-99011 Datasheet
752Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99036 ETC2-99036 Datasheet
765Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99222 ETC2-99222 Datasheet
720Kb / 4P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99041 ETC2-99041 Datasheet
971Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99071 ETC2-99071 Datasheet
956Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com