Electronic Components Datasheet Search
  English  ▼

X  

MAX512 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX512
Description  Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX512 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX512 Datasheet HTML 1Page - Maxim Integrated Products MAX512 Datasheet HTML 2Page - Maxim Integrated Products MAX512 Datasheet HTML 3Page - Maxim Integrated Products MAX512 Datasheet HTML 4Page - Maxim Integrated Products MAX512 Datasheet HTML 5Page - Maxim Integrated Products MAX512 Datasheet HTML 6Page - Maxim Integrated Products MAX512 Datasheet HTML 7Page - Maxim Integrated Products MAX512 Datasheet HTML 8Page - Maxim Integrated Products MAX512 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LSB
Low-Cost, Triple, 8-Bit Voltage-Output DACs
with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +4.5V to +5.5V for MAX512, VDD = +2.7V to +3.6V for MAX513, VSS = GND = 0V, REFAB = REFC = VDD,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: The outputs may be shorted to VDD, VSS, or GND if the package power dissipation is not exceeded. Typical short-circuit cur-
rent to GND is 50mA.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ................................................................ -0.3V, +6V
VSS to GND................................................................. -6V, +0.3V
VDD to VSS ................................................................ -0.3V, +12V
Digital Inputs and Outputs to GND............... -0.3V, (VDD + 0.3V)
REFAB ................................................ (VSS - 0.3V), (VDD + 0.3V)
OUTA, OUTB (Note 1) ....................................................VSS, VDD
OUTC.............................................................-0.3V, (VDD + 0.3V)
REFC..............................................................-0.3V, (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.00mW/°C above +70°C) ............800mW
SO (derate 8.33mW/°C above +70°C) ...........................667mW
CERDIP (derate 9.09mW/°C above +70°C) ...................727mW
Operating Temperature Ranges
MAX51_C_ _ .........................................................0°C to +70°C
MAX51_E_ _.......................................................-40°C to +85°C
MAX51_MJD ....................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
REFAB, REFC
REFC (Note 3)
REFAB (Note 3)
REFC
REFAB
MAX513, 2.7V
≤ VDD ≤ 3.6V,
REFAB = REFC = 2.4V
MAX512, 4.5V
≤ VDD ≤ 5.5V,
REFAB = REFC = 4.096V
DAC C
DAC A/B
CONDITIONS
M
Ω
2
Reference Input Resistance
(shutdown mode)
k
Ω
12
RREF
Reference Input Resistance
8
pF
25
Reference Input Capacitance
V
GND
VDD
Reference Input Voltage Range
VSS
VDD
%/%
0.01
PSRR
Power-Supply Rejection Ratio
Bits
8
N
Resolution
µV/°C
5
Zero-Code Temperature
Coefficient
100
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Guaranteed monotonic
LSB
±1
DNL
Differential Nonlinearity
0.015
DAC A/B (Note 2)
LSB
±1.5
INL
Integral Nonlinearity
(Note 2)
LSB
±1
TUE
Total Unadjusted Error
DAC C
±1
STATIC PERFORMANCE
REFERENCE INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com