Electronic Components Datasheet Search
  English  ▼

X  

MAX512CPD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX512CPD
Description  Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX512CPD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX512CPD Datasheet HTML 1Page - Maxim Integrated Products MAX512CPD Datasheet HTML 2Page - Maxim Integrated Products MAX512CPD Datasheet HTML 3Page - Maxim Integrated Products MAX512CPD Datasheet HTML 4Page - Maxim Integrated Products MAX512CPD Datasheet HTML 5Page - Maxim Integrated Products MAX512CPD Datasheet HTML 6Page - Maxim Integrated Products MAX512CPD Datasheet HTML 7Page - Maxim Integrated Products MAX512CPD Datasheet HTML 8Page - Maxim Integrated Products MAX512CPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Cost, Triple, 8-Bit Voltage Output DACs
with Serial Interface
_______________________________________________________________________________________
5
-1.5
-5
2
4
SUPPLY CURRENT
vs. REFERENCE VOLTAGE
-1.0
1.0
1.5
REFAB = REFC (V)
0
0
-0.5
-4
-2
3
1
-3
-1
0.5
IDD, VDD = 3V, VSS = -3V
ISS, VDD = 3V, VSS = -3V
ISS, VDD = 5V, VSS = -5V
IDD, VDD = 5V, VSS = -5V
REFC GROUNDED FOR REF_ < 0
CODE = ALL 1s
1.340
-60
80
120 140
POSITIVE SUPPLY CURRENT
vs. TEMPERATURE
1.345
1.365
1.370
TEMPERATURE (°C)
40
1.355
1.350
-40
0
100
60
-20
20
1.360
VDD = +5V, VSS = GND = 0V
REFAB = REFC = VDD
ALL LOGIC INPUTS = +5V
ALL DACs SET TO ALL 1s
0
0.5
-60
80
120 140
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
1.0
1.5
4.0
4.5
TEMPERATURE (°C)
40
3.0
2.5
2.0
-40
0
100
60
-20
20
3.5
VDD = +5V, VSS = GND = 0V
REFAB = REFC = VDD
ALL LOGIC INPUTS = +5V
0.01
10
1
1000
0.1
100
REFERENCE FEEDTHROUGH
vs. FREQUENCY
-100
FREQUENCY (kHz)
-60
-20
-120
-80
-40
0
VDD = 3V, VSS = GND = 0V
REF_ FROM 0V TO 2.9V
NO LOAD
CODE = ALL 0s
DAC A, B
DAC C
0.001
1
1000
0.1
100
0.01
10
REFERENCE LARGE-SIGNAL
FREQUENCY RESPONSE
-20
FREQUENCY (kHz)
-10
0
-25
-15
-5
5
VDD = 3V, VSS = GND = 0V
REFAB, REFC
SINE WAVE 0V TO VDD
100k
10k
1k
0.1k
1M
10M
REFERENCE SMALL-SIGNAL
FREQUENCY RESPONSE
-80
FREQUENCY (Hz)
-40
0
-60
-20
DAC C
DAC A
DAC B
VDD = 3V, VSS = GND = 0V
REFAB, REFC
SINE WAVE ±40mV
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com