Electronic Components Datasheet Search
  English  ▼

X  

99080 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 99080
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99080 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  99080 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99080 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99080 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99080 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99080 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99080 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 6 of 6
SSL Solutions Faster Than The Speed Of Light®
Typical Electrical & Optical Characteristic Curves:
Spectrum (VF=12Vrms, Ta=25°C, pulsed measurement)
Radiant Angle & Pattern (VF=12Vrms, Ta=25°C, pulsed measurement)
Packaging
• LED Modules will be packaged in trays for primary protection.
• According to the total delivery amount, cardboard boxes will be used to protect the trays of LED Modules from mechanical shocks during transportation.
• The boxes are not water resistant and therefore must be kept away from water and moisture.
Reliability and Average Lumen Maintenance
Before releasing new products the manufacturer puts a representative product sample set through an entire suite of qualification tests, including the most stressful
test for high power LEDs, the Wet High-Temperature Operating Life (WHTOL) test at 85°C/85%RH for 1000 hours at the specified operating current.
LED lifetime has been extrapolated based on the accumulated operating and accelerated aging data. Based on this data, the manufacturer projects that the LED
products will deliver, on average, 70% lumen maintenance at 50,000 hours of operation at the specified operating current, provided that the case temperature is
maintained at or below 80°C.
90°
0°
10°
20°
30°
40°
50°
60°
70°
80°
0°
30°
60°
90°
0.5
1
0.0
0.5
1.0
-1
-0.5
0
0.5
1
Radiation Angle
20W 80mm 120V Dual Round
AC LED Light Engine
AC LED BY LYNK LABS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com