Electronic Components Datasheet Search
  English  ▼

X  

99321 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 99321
Description  56W 120V AC 204mm Square LED Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99321 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  99321 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99321 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99321 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99321 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99321 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99321 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
56W 120V AC 204mm Square LED Module
AC LED Technology by Lynk Labs
Compatible with Phase-cut Dimmers, Warm Dimming Option
5 yr. Warranty
204mm 120V AC Square LED Module 56W
Model
Number
Input
Power (W)
Input
Voltage (Vac)
Color
Temp (K)
Lumens
LPW
99255
56
120
2200
3727
67
99320
56
120
2700
3812
68
99256
56
120
3000
3855
69
99321
56
120
3500
3894
70
99257
56
120
4000
3975
71
99258
56
120
5000
4067
73
99259
56
120
5700
4121
74
Specifications
Drive Voltage:
120Vac (100-132V Min-Max)
AC Current:
460 mA @25ºC typical; 520 mA max
Power Dissipation:
56W typical; 65W max
Power Factor:
>0.97
THD:
<20%
Life:
50,000 Hrs, if used as specified
Luminous Flux:
3838 lm @3000K
Luminous Efficacy:
70 LPW ±10% @3000K
Viewing Angle:
120 deg
Operating Temp:
-25ºC to +100ºC
Storage Temp:
-40ºC to +100ºC
Soldering Temp:
370ºC
Features
• Direct 120V line connection
• Compatible with most existing leading edge
or trailing edge phase cut AC Dimmers
• High Efficiency
• Significant Energy Savings
• Reliable, fast and easy
• Durable Light Source
• Long Operating Life
1.2 mm
4.8 mm
203.2 mm
203.2 mm
0 mm
0 mm
Applications
• Highbay/Midbay
• Indoor/Outdoor General
Line-voltage Illumination
• Ideal for parking lot,
commercial, hospitality
Warm Dimming
Warm-Dimming models change the
CCT with the dimming level, mimicking
how an incandescent lamp appears
to warm as the light level reduces.
Perfect for hospitality and residential
applications. Warms to 2200K.
Line voltage AC LED modules are easy to use, offering direct
connectivity and effectively replacing traditional lamp technologies.
Patented AC LED technology eliminates the need for an AC-DC driver.
Rev 4-9-15
RECOGNIZED
COMPONENT
“Warm Dimming” 204mm 120V AC Square LED Module 56W
Model
Number
Input
Power (W)
Input
Voltage (Vac)
CCT Range (K)
Lumens
(full power) LPW
Full Output Min Output
99317
56
120
2500
2200
3707
66
99318
56
120
3000
2200
3855
69
99319
56
120
3500
2200
3929
70


Similar Part No. - 99321

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9932 BELDEN-9932 Datasheet
162Kb / 2P
RS232/423 Low Cap, #24-7c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
9932-060100 BELDEN-9932-060100 Datasheet
162Kb / 2P
RS232/423 Low Cap, #24-7c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
9932-0601000 BELDEN-9932-0601000 Datasheet
162Kb / 2P
RS232/423 Low Cap, #24-7c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
9932-060500 BELDEN-9932-060500 Datasheet
162Kb / 2P
RS232/423 Low Cap, #24-7c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
More results

Similar Description - 99321

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B051 PROTEC-587B051 Datasheet
97Kb / 3P
120V AC POWER LINE SURGE SUPPRESSOR
logo
Richco, Inc.
SQLEDS1-4-26 RICHCO-SQLEDS1-4-26 Datasheet
46Kb / 1P
SQUARE LED SPACERS
logo
Protek Devices
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
120V AC POWER LINE SURGE SUPPRESSOR
logo
List of Unclassifed Man...
99046 ETC2-99046 Datasheet
976Kb / 6P
28W 120V AC 572mm Linear LED Module
99250 ETC2-99250 Datasheet
1Mb / 6P
114W 120V AC 204mm Square LED Module
logo
LUMEX INC.
SLL-LX5579IGW LUMEX-SLL-LX5579IGW Datasheet
56Kb / 1P
5X5mm SQUARE LED
logo
Schneider Electric
DL1BDG5 SCHNEIDER-DL1BDG5 Datasheet
85Kb / 1P
AMBER LED BULB 120V
Aug 10, 2019
9001KM38 SCHNEIDER-9001KM38 Datasheet
148Kb / 3P
30MM LIGHT MODULE RESISTOR 120V
Jan 19, 2022
logo
Seoul Semiconductor
SMJD-2V16W2P3 SEOUL-SMJD-2V16W2P3 Datasheet
376Kb / 14P
Acrich2 120V 17W Module
Rev. 00 Nov. 2012
logo
NHP Electrical Engineer...
1794-IA16 NHP-1794-IA16 Datasheet
523Kb / 1P
FLEX I/O 16DI 120V AC MODULE
7 June 2023,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com