Electronic Components Datasheet Search
  English  ▼

X  

98009 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 98009
Description  LED Light Engine, 7??Canopy Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

98009 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  98009 Datasheet HTML 1Page - List of Unclassifed Manufacturers 98009 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
LED Light Engine, 7” Canopy Module
Constant-Current DC Array, 12 LEDs in Series
Engineered by Norlux
12 Nichia LEDs
5 yr. Warranty
7 Inch Canopy DC LED Module
Model
Number
Color
Temp (K)
Total
Current (mA)
Total Board
Power (W)
Lumens
(± 15%)
Board
LPW
98025
4000
350
12.2
1,780
146
700
26
3,317
127
98009
5000
350
12.2
1,836
150
700
26
3,420
132
Height: 0.062 [1.57] MCPCB
0.078 [1.98] LED Domes
0.14 [3.56] Total
Ø 0.18 [4.57] (8x)
1.30 [33.02]
2.20 [55.88]
2.20 [55.88]
1.10 [27.94]
0.16 [4.06]
7.00 [177.8]
DC IN
Red (+) 12” #22AWG
Blue (-) 12” #22AWG
Drawing N0900-0160-R02
Tc
IN [mm]
Dimensions:
Specifications
Driver Type:
Constant-Current
Drive Current:
700mA Nominal
Nom. Forward Voltage:
37V
Total Board Power:
26W Nominal
Life:
50,000 Hrs, 70% lumen maint.
@ Ta max 40ºC, used as specified
Max Junction Temp:
90°C
Max Test Point Temp:
80°C
Operating Temp:
-40ºC to +60ºC Ambient
Storage Temp:
-40ºC to +80ºC
Viewing Angle (FWHM):
120° Lambertian distribution
CRI:
70 typical
• Designed for easy use in standard luminaires
• Designed to accept any Khatod Nactus 12 optic
• Color: Full ANSI binning
• Suggested Applications: Surface-mount Outdoor,
such as Garage, Gas Station & Area Lighting
• Customizable: Engines can be modified to your application. Contact us.
Rev 6-16-15
MADE IN USA
Of Imported And Domestic Components
For Poke-In Connectors, use
#24-18 AWG stranded or solid wire
Connectivity Options
Suffix
Connection
(blank)
12 IN, #22 AWG Stranded Leads
-01
No Leads
-02
Push-in Connectors


Similar Part No. - 98009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9800 ETC2-9800 Datasheet
321Kb / 2P
Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
B&K Precision Corporati...
9800 BK-9800 Datasheet
2Mb / 5P
Programmable AC Power Sources
logo
Festo Corporation.
9800 FESTO-9800 Datasheet
91Kb / 1P
Quick exhaust valve
4/11/22
logo
Cisco Systems, Inc.
9800 CISCO-9800 Datasheet
947Kb / 23P
Cisco Catalyst 9800-80 Wireless Controller
2022
logo
Heyco.
9800 HEYCO-9800 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
More results

Similar Description - 98009

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W709 LUMINIS-W709 Datasheet
897Kb / 3P
LED light engine.
W786 LUMINIS-W786 Datasheet
866Kb / 3P
LED light engine.
logo
List of Unclassifed Man...
98000 ETC2-98000 Datasheet
596Kb / 2P
LED Light Engine, 11??Linear Module
98006 ETC2-98006 Datasheet
683Kb / 2P
LED Light Engine, 10.2??Fingerboard Module
98013 ETC2-98013 Datasheet
607Kb / 2P
LED Light Engine, 3.0??Round Module
98017 ETC2-98017 Datasheet
605Kb / 2P
LED Light Engine, 3.7??Round Module
98021 ETC2-98021 Datasheet
604Kb / 2P
LED Light Engine, 4.7??Round Module
98026 ETC2-98026 Datasheet
615Kb / 2P
LED Light Engine, 23??Linear Module
98034 ETC2-98034 Datasheet
655Kb / 2P
LED Light Engine, 2.5??Rectangle Module
98039 ETC2-98039 Datasheet
777Kb / 2P
LED Light Engine, 9.1??Round Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com