Electronic Components Datasheet Search
  English  ▼

X  

98005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 98005
Description  LED Light Engine, 23??Linear Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

98005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  98005 Datasheet HTML 1Page - List of Unclassifed Manufacturers 98005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
LED Light Engine, 23” Linear Module
Constant-Current DC Array, 6 LED Series x 8 Parallel Strings
Engineered by Norlux
48 Nichia LEDs
5 yr. Warranty
0.48 [12.2] LED Pitch
LED 1
LED 2
LED 3
LED 4
LED 5
LED 6
LED 7
LED 8
LED 9
LED 10
LED 11
LED 12
LED 13
LED 14
LED 15
LED 16
LED 17
LED 18
LED 19
LED 20
LED 21
LED 22
LED 23
LED 24
LED 25
LED 26
LED 27
LED 28
LED 29
LED 30
LED 31
LED 32
LED 33
LED 34
LED 35
LED 36
LED 37
LED 38
LED 39
LED 40
LED 41
LED 42
LED 43
LED 44
LED 45
LED 46
LED 47
LED 48
R 0.09 [2.9] (14x)
4.98 [126.5]
1.73 [43.94]
8.22 [208.79]
11.47 [291.34]
22.95 [582.93]
DC IN
Red (+) 12” #22AWG
Blue (-) 12” #22AWG
Tc
Drawing N0900-0162-R03
IN [mm]
Height: 0.062 [1.58] FR-4 PCB
0.020 [0.5] LEDs
0.082 [2.08] TOTAL
Dimensions:
Specifications
Driver Type:
Constant-Current
Drive Current:
700mA Nominal
Nom. Forward Voltage:
17.9V
Total Board Power:
12.5W Nominal
Life:
50,000 Hrs, 70% lumen maint.
@ Ta max 50ºC, used as specified
Max Junction Temp:
90°C
Max Test Point Temp:
80°C
Operating Temp:
-40ºC to +60ºC Ambient
Storage Temp:
-40ºC to +80ºC
Viewing Angle (FWHM):
120° Lambertian distribution
CRI:
83 typical
• Designed for easy use in standard luminaires
• Tight LED pitch eliminates pixelization, no complex lens or optics required
• Color: ¼ ANSI Binning, 3 Step MacAdam Ellipse
• Suggested Applications: Troffers, Troffer Retrofits, Linear Recessed
and Flush-mount
• Customizable: Engines can be modified to your application. Contact us.
Rev 6-16-15
MADE IN USA
Of Imported And Domestic Components
For Poke-In Connectors, use
#24-18 AWG stranded or solid wire
Connectivity Options
Suffix
Connection
(blank)
12 IN, #22 AWG Stranded Leads
-01
No Leads
-02
Push-in Connectors
23 Inch Linear DC LED Module
Model
Number
Color
Temp (K)
Total
Current (mA)
Total Board
Power (W)
Lumens
(± 15%)
Board
LPW
98026
2700
350
5.9
797
135
700
12.5
1,537
123
98003
3000
350
5.9
850
144
700
12.5
1,639
131
98004
3500
350
5.9
893
151
700
12.5
1,720
138
98005
4000
350
5.9
916
155
700
12.5
1,765
141
98028
5000
350
5.9
944
160
700
12.5
1,820
146


Similar Part No. - 98005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9800 ETC2-9800 Datasheet
321Kb / 2P
Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
B&K Precision Corporati...
9800 BK-9800 Datasheet
2Mb / 5P
Programmable AC Power Sources
logo
Festo Corporation.
9800 FESTO-9800 Datasheet
91Kb / 1P
Quick exhaust valve
4/11/22
logo
Cisco Systems, Inc.
9800 CISCO-9800 Datasheet
947Kb / 23P
Cisco Catalyst 9800-80 Wireless Controller
2022
logo
Heyco.
9800 HEYCO-9800 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
More results

Similar Description - 98005

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W709 LUMINIS-W709 Datasheet
897Kb / 3P
LED light engine.
logo
List of Unclassifed Man...
98000 ETC2-98000 Datasheet
596Kb / 2P
LED Light Engine, 11??Linear Module
98006 ETC2-98006 Datasheet
683Kb / 2P
LED Light Engine, 10.2??Fingerboard Module
98010 ETC2-98010 Datasheet
642Kb / 2P
LED Light Engine, 22.7??Narrow Linear Module
98013 ETC2-98013 Datasheet
607Kb / 2P
LED Light Engine, 3.0??Round Module
98017 ETC2-98017 Datasheet
605Kb / 2P
LED Light Engine, 3.7??Round Module
98021 ETC2-98021 Datasheet
604Kb / 2P
LED Light Engine, 4.7??Round Module
98025 ETC2-98025 Datasheet
638Kb / 2P
LED Light Engine, 7??Canopy Module
98034 ETC2-98034 Datasheet
655Kb / 2P
LED Light Engine, 2.5??Rectangle Module
98039 ETC2-98039 Datasheet
777Kb / 2P
LED Light Engine, 9.1??Round Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com