Electronic Components Datasheet Search
  English  ▼

X  

MAX513 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX513
Description  3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX513 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX513 Datasheet HTML 9Page - Maxim Integrated Products MAX513 Datasheet HTML 10Page - Maxim Integrated Products MAX513 Datasheet HTML 11Page - Maxim Integrated Products MAX513 Datasheet HTML 12Page - Maxim Integrated Products MAX513 Datasheet HTML 13Page - Maxim Integrated Products MAX513 Datasheet HTML 14Page - Maxim Integrated Products MAX513 Datasheet HTML 15Page - Maxim Integrated Products MAX513 Datasheet HTML 16Page - Maxim Integrated Products MAX513 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Serial Data Output
The contents of the internal shift register are output
serially on DOUT, allowing for daisy-chaining (see
Applications Information) of multiple devices as well as
data readback. The MAX5130/MAX5131 may be pro-
grammed to shift data out on DOUT on the serial
clock’s rising edge (Mode 1) or falling edge (Mode 0).
The latter is the default during power-up and provides a
lag of 16 clock cycles, maintaining SPI, QSPI,
MICROWIRE, and PIC16/PIC17 compatibility. In Mode
1, the output data lags DIN by 15.5 clock cycles.
During power-down, DOUT retains its last digital state
prior to shutdown.
User-Programmable Output (UPO)
The UPO feature allows an external device to be con-
trolled through the serial-interface setup (Table 1),
thereby reducing the number of microcontroller I/O
ports required. During power-down, this output will
retain the last digital state before shutdown. With CLR
pulled low, UPO will reset to the default state after
wake-up.
+3V/+5V, 13-Bit, Serial Voltage-Output DACs
with Internal Reference
______________________________________________________________________________________
13
Table 3. Detailed SSPCON Register Contents
Receive Overflow Detection Bit
X
SSPOV
BIT6
BIT7
Clock Polarity Select Bit. CKP = 0 for SPI master-mode selection.
0
CKP
BIT4
BIT5
Synchronous Serial Port Enable Bit
0: Disables serial port and configures these pins as I/O port pins.
1: Enables serial port and configures SCK, SDO and SCI as
serial-port pins.
1
SSPEN
0
SSPM2
BIT2
BIT3
1
SSPM0
BIT0
BIT1
CONTROL BIT
0
SSPM1
Write Collision Detection Bit
X
WCOL
SYNCHRONOUS SERIAL-PORT CONTROL REGISTER
(SSPCON)
MAX5130/MAX5131
SETTING
Synchronous Serial Port Mode Select Bit. Sets SPI master mode
and selects fCLK = fOSC / 16.
0
SSPM3
X = Don’t care
Table 4. Detailed SSPSTAT Register Contents
X = Don’t care
SPI Clock Edge Select Bit. Data will be transmitted on the rising
edge of the serial clock.
1
CKE
BIT6
Buffer Full Status Bit
BIT7
Update Address
Read/Write Bit Information
Stop Bit
X
P
BIT4
BIT5
Data Address Bit
X
D/A
X
R/W
BIT2
BIT3
X
BF
BIT0
BIT1
CONTROL BIT
X
UA
SPI Data Input Sample Phase. Input data is sampled at the mid-
dle of the data output time.
0
SMP
SYNCHRONOUS SERIAL-PORT CONTROL REGISTER
(SSPSTAT)
MAX5130/MAX5131
SETTINGS
Start Bit
X
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com