Electronic Components Datasheet Search
  English  ▼

X  

MAX5133BEEE Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX5133BEEE
Description  5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5133BEEE Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX5133BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5133BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5133BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5133BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5133BEEE Datasheet HTML 16Page - Maxim Integrated Products MAX5133BEEE Datasheet HTML 17Page - Maxim Integrated Products MAX5133BEEE Datasheet HTML 18Page - Maxim Integrated Products MAX5133BEEE Datasheet HTML 19Page - Maxim Integrated Products MAX5133BEEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
+5V/+3V, 13-Bit, Serial, Force/Sense DACs
with 10ppm/°C Internal Reference
18
______________________________________________________________________________________
DAC
OUT
MAX5132
MAX5133
10k
26k
FB
REF
VDD
DGND
AGND
+5V/
+3V
AC
REFERENCE
INPUT
500mVp-p
MAX495
+5V/+3V
Figure 13. External Reference with AC Components
Using an External Reference
with AC Components
The MAX5132/MAX5133 have multiplying capabilities
within the reference input voltage range specifications.
Figure 13 shows a technique for applying a sinusoidal
input to REF, where the AC signal is offset before being
applied to the reference input.
Power-Supply and Bypassing
Considerations
On power-up, the input and DAC registers are cleared
to either zero (RSTVAL = DGND) or midscale (RSTVAL
= VDD). Bypass the power supply (VDD) with a 4.7µF
capacitor in parallel with a 0.1µF capacitor to AGND.
Minimize lead lengths to reduce lead inductance.
Layout Considerations
Digital and AC signals coupling to AGND can create
noise at the output. Connect AGND to the highest quali-
ty ground available. Use proper grounding techniques,
such as a multilayer board with a low-inductance
ground plane. Wire-wrapped boards and sockets are
not recommended. If noise becomes an issue, shield-
ing may be required.
___________________Chip Information
TRANSISTOR COUNT: 3308
SUBSTRATE CONNECTED TO AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com