Electronic Components Datasheet Search
  English  ▼

X  

MAX5152BC/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5152BC/D
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5152BC/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5152BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX5152BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX5152BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX5152BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX5152BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX5152BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX5152BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX5152BC/D Datasheet HTML 15Page - Maxim Integrated Products MAX5152BC/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Since the MAX5152/MAX5153’s DOUT has an internal
active pull-up, the DOUT sink/source capability deter-
mines the time required to discharge/charge a capaci-
tive load. Refer to the digital output VOH and VOL
specifications in the
Electrical Characteristics.
Figure 8 shows an alternative method of connecting
several MAX5152/MAX5153s. In this configuration, the
data bus is common to all devices; data is not shifted
through a daisy-chain. More I/O lines are required in
this configuration because a dedicated chip-select
input (CS) is required for each IC.
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Configurable Outputs
12
______________________________________________________________________________________
CS
SCLK
DIN
COMMAND
EXECUTED
9
8
16
1
C1
A0
D0
C0
D12 D11 D10
D9
D6
D5
D4
D3
D2
D1
D8
D7
Figure 5. Serial-Interface Timing Diagram
SCLK
DIN
tCSO
tCSS
tCL
tCH
tCP
tCSW
tCS1
tCSH
tDS
tDH
CS
Figure 6. Detailed Serial-Interface Timing Diagram
TO OTHER
SERIAL DEVICES
MAX5152
MAX5153
DIN
SCLK
CS
MAX5152
MAX5153
MAX5152
MAX5153
DIN
DOUT
DOUT
DOUT
SCLK
CS
DIN
SCLK
CS
Figure 7. Daisy Chaining MAX5152/MAX5153s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com