Electronic Components Datasheet Search
  English  ▼

X  

MAX491 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX491
Description  짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX491 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX491 Datasheet HTML 3Page - Maxim Integrated Products MAX491 Datasheet HTML 4Page - Maxim Integrated Products MAX491 Datasheet HTML 5Page - Maxim Integrated Products MAX491 Datasheet HTML 6Page - Maxim Integrated Products MAX491 Datasheet HTML 7Page - Maxim Integrated Products MAX491 Datasheet HTML 8Page - Maxim Integrated Products MAX491 Datasheet HTML 9Page - Maxim Integrated Products MAX491 Datasheet HTML 10Page - Maxim Integrated Products MAX491 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
1
2
Receiver Output: If A > B by 200mV, RO will be high;
If A < B by 200mV, RO will be low.
2
—
Receiver Output Enable. RO is enabled when
–
R
—
E
–
is
low; RO is high impedance when
–
R
—
E
–
is high.
3
—
Driver Output Enable. The driver outputs, Y and Z, are
enabled by bringing DE high. They are high imped-
ance when DE is low. If the driver outputs are enabled,
the parts function as line drivers. While they are high
impedance, they function as line receivers if
–
R
—
E
–
is low.
4
3
Driver Input. A low on DI forces output Y low and out-
put Z high. Similarly, a high on DI forces output Y high
and output Z low.
6
—
Noninverting Receiver Input and Noninverting Driver
Output
—
6
Inverting Driver Output
—
5
Noninverting Driver Output
5
4
Ground
—
—
No Connect—not internally connected
8
1
Positive Supply: 4.75V
≤ VCC ≤ 5.25V
—
7
Inverting Receiver Input
7
—
Inverting Receiver Input and Inverting Driver Output
—
8
Noninverting Receiver Input
PIN
2
3
4
5
—
10
9
6, 7
1, 8, 13
14
11
—
12
RO
–
R
—
E
–
DE
DI
A
Z
Y
GND
N.C.
VCC
B
B
A
FUNCTION
MAX489E
MAX491E
NAME
MAX488E
MAX490E
MAX481E/MAX483E
MAX485E/MAX487E
MAX1487E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com