Electronic Components Datasheet Search
  English  ▼

X  

EOL3-277-20KA-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EOL3-277-20KA-R
Description  Patent-pending 3-Pole In-Line Fused Surge Protector for LED Drivers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EOL3-277-20KA-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EOL3-277-20KA-R Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
EOL3-277-20KA
Patent-pending 3-Pole In-Line Fused Surge Protector
for LED Drivers & Electronic Ballasts.
Indicator LED turns on at end-of-life.
EOL3-277-20KA is designed for use in conjunction
with LED Drivers to provide an additional
level of protection against powerline
disturbances in industrial and
commercial applications. Also
protects electronic fluorescent
and HID ballasts.
Features
• This 4-leaded device protects Line-Ground, Line-Neutral, and Neutral-Ground
in accordance with IEEE / ANSI C62.41.2 guidelines
• Provides additional protection at End-of-Life by
opening voltage to the fixture and turning off the fixture
• LED indicator will light when the EOL3 has reached End-of-Life.
This provides positive indication that the EOL3 needs to be replaced.
• Indicator flashes at “power-up” to provide confirmation that LED is functional.
• Two models:
- EOL3-277-20KA-L includes a local LED indicator (blue)
- EOL3-277-20KA-R is designed to operate a remotely-mounted
LED indicator (Purchased separately.)
• Protects against surges according to IEEE C62.41.2 C High (20kA and 10kV)
• Protects against surges according to ANSI C136.2
• Max surge current = 20,000 Amps using industry standard 8/20 µSec wave
• 7.0 Amp maximum load
• Surge Location Rated Category C3
• UL Recognized Component in the United States and Canada (UL1449)
• Complies with IEC 61643-11; 8.3.4.3
• High temp, flameproof plastic enclosure; 85ºC max surface temp rating
• Remote-mount LED indicator assembly requires a 0.25” mounting hole
• Patent Pending
EOL3-277-20KA is for use with any 100-277V power supply, LED Driver,
e-HID Ballast, Electronic Fluorescent Ballast, Induction Generator
Wiring
Dimensions (Nom.)
Leads: 6”, stripped 0.63” Weight: 0.6 lbs / 272g
EOL3-277-20KA-L
EOL3-277-20KA-R
1.89” [48]
3.44”
[87.4]
Black
Local or Remote
Blue
Red
Black/Orange
Common/Neutral
White
Green
Line In
Line Out
GND
EOL
LED
Pulse rating
(8 x 20 μSec)
Strikes
Surge
1 20,000 A
2 15,000 A
15 10,000 A
120 3,000 A
cRUus
CE
In
10kA
5kA
18”+0.2/-0.05
[457.2 +5/-1.27]
0.25”
[6.4]
0.53”
[13.5]
0.03”
[0.8]
0.125”
[3.175]
E355018
MADE IN USA
Of Imported And Domestic Components
Rev 1-7-15
Part Number
Mains
Voltage
Continuous
Max Voltage Rating
Max
Clamping Voltage
8/20 µS @ 20kA
LED UL1449
AC
DC
EOL3-277-20KA-L
100-277V
320
420
1600
Local
EOL3-277-20KA-R
100-277V
320
420
1600
Remote
EOL3-LED-18-B
LED (blue) assembly with 18” leads


Similar Part No. - EOL3-277-20KA-R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
EOL-62L256 HOLTEK-EOL-62L256 Datasheet
58Kb / 2P
HT62L256 EOL Notification
August 5, 2003
logo
Systemsensor advanced i...
EOLR-1 SYSTEMSENSOR-EOLR-1 Datasheet
273Kb / 2P
Multi-Voltage Conventional Relays
EOLR-1 SYSTEMSENSOR-EOLR-1 Datasheet
231Kb / 2P
400 Series Plug-In Thermal Detectors
More results

Similar Description - EOL3-277-20KA-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSP3-277-20KA ETC2-FSP3-277-20KA Datasheet
582Kb / 1P
Patent-pending 3-Pole Fused In-Line Surge Protectors for LED Drivers
logo
Ironwood Electronics.
SF-BGA529C-B-32 IRONWOOD-SF-BGA529C-B-32 Datasheet
64Kb / 1P
Patent Pending
SF-BGA528A-B-32 IRONWOOD-SF-BGA528A-B-32 Datasheet
62Kb / 1P
Patent Pending
SF-BGA516B-B-42 IRONWOOD-SF-BGA516B-B-42 Datasheet
69Kb / 1P
Patent Pending
SF-BGA520C-B-42 IRONWOOD-SF-BGA520C-B-42 Datasheet
70Kb / 1P
Patent Pending
SF-BGA543A-B-42F IRONWOOD-SF-BGA543A-B-42F Datasheet
123Kb / 1P
Patent Pending
SF-BGA352B-B-42 IRONWOOD-SF-BGA352B-B-42 Datasheet
53Kb / 1P
Patent Pending
logo
Taoglas antenna solutio...
SGP.1575.12.4.A.02 TAOGLAS-SGP.1575.12.4.A.02 Datasheet
1Mb / 12P
patent pending
SGP.1575.15.4.A.02 TAOGLAS-SGP.1575.15.4.A.02 Datasheet
1Mb / 12P
Patent Pending
SGP.1575.25.4.C.02 TAOGLAS-SGP.1575.25.4.C.02 Datasheet
2Mb / 13P
Patent pending
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com