Electronic Components Datasheet Search
  English  ▼

X  

HLPC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HLPC
Description  Class 1, Div 2 Hazardous Location Photocell Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HLPC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HLPC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
HLPC Series
Class 1, Div 2 Hazardous Location
Photocell Assembly
Features
Wiring
Dimensions
• Voltage Configurations
A) HLPC-120 for 120V applications
B) HLPC-208-277 for 208V through 277V applications
• 1000W, 1000VA Load Rating
• 50/60 Hz Operation
• Epoxy Encapsulation for Superior Moisture
and Chemical Resistance
• One-piece molded GE Ultem 1000 translucent lens
assembly, UL94V-0 compliant
• Temperature Range of -40ºC to 60ºC
• For use in Class 1, Division 2 applications,
Groups A, B, C, and D
• Kit Includes:
- Photocell
- Stainless Steel 5/8” Washer
- Stainless Steel Knurled Locknut
- Neoprene Gasket with Adhesive Back
- (3) High Temperature 150ºC Wirenuts
1.44”
2.55”
1.70”
Photocontrol
Line (Black)
Common (White)
Black
Red
To Ballast or
Lamp Load
White
The HLPC is a rugged Hazardous Location Photocell Assembly,
A variety of voltages for Class 1, Division 2 applications.
Rev 8-08-14
MADE IN USA
Of Imported And Domestic Components


Similar Part No. - HLPC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HLP HAMMOND-HLP Datasheet
212Kb / 3P
Armoire de cablage de faible encombrement pour systemes de securit챕 et reseaux
logo
TDK Electronics
HLP-3003C TDK-HLP-3003C Datasheet
86Kb / 2P
Hybrid Log Periodic Antenna
logo
Mean Well Enterprises C...
HLP-40H MEANWELL-HLP-40H Datasheet
341Kb / 4P
40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H Datasheet
347Kb / 4P
40W Single Output Switching Power Supply
HLP-40H-12 MEANWELL-HLP-40H-12 Datasheet
341Kb / 4P
40W Single Output Switching Power Supply
More results

Similar Description - HLPC

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
C-17881 DIALIGHT-C-17881 Datasheet
275Kb / 1P
1' LED PMI, FLAT LENS CLASS 1, DIV.2
logo
Mallory Sonalert Produc...
SCH110NJR MSPI-SCH110NJR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH307NR MSPI-SCH307NR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH616NPR MSPI-SCH616NPR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH616NR MSPI-SCH616NR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH628ANPR MSPI-SCH628ANPR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH628ANR MSPI-SCH628ANR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH628NR MSPI-SCH628NR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH628PR MSPI-SCH628PR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
SCH648R MSPI-SCH648R Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com