Electronic Components Datasheet Search
  English  ▼

X  

MAX5151AEEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5151AEEE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151AEEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5151AEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX5150/MAX5151 low-power, serial, voltage-out-
put, dual 13-bit digital-to-analog converters (DACs)
consume only 500µA from a single +5V (MAX5150) or
+3V (MAX5151) supply. These devices feature Rail-to-
Rail® output swing and are available in a space-saving
16-pin QSOP package. To maximize the dynamic
range, the DAC output amplifiers are configured with an
internal gain of +2.
The 3-wire serial interface is SPI™/QSPI™ and
Microwire™ compatible. Each DAC has a double-
buffered input organized as an input register followed
by a DAC register, which allows the input and DAC reg-
isters to be updated independently or simultaneously
with a 16-bit serial word. Additional features include
programmable shutdown (2µA), hardware-shutdown
lockout, a separate reference voltage input for each
DAC that accepts AC and DC signals, and an active-
low clear input (CL) that resets all registers and DACs
to zero. These devices provide a programmable logic
pin for added functionality, and a serial-data output pin
for daisy-chaining.
________________________Applications
Industrial Process Control
Remote Industrial Controls
Digital Offset and Gain
Microprocessor-
Adjustment
Controlled Systems
Motion Control
Automatic Test
Equipment (ATE)
____________________________Features
o 13-Bit Dual DAC with Internal Gain of +2
o Rail-to-Rail Output Swing
o 16µs Settling Time
o Single-Supply Operation: +5V (MAX5150)
+3V (MAX5151)
o Low Quiescent Current: 500µA (normal operation)
2µA (shutdown mode)
o SPI/QSPI and Microwire Compatible
o Available in Space-Saving 16-Pin QSOP Package
o Power-On Reset Clears Registers and DACs
to Zero
o Adjustable Output Offset
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
________________________________________________________________
Maxim Integrated Products
1
19-1255; Rev 0; 8/97
______________Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corp.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
For small orders, phone 408-737-7600 ext. 3468.
REFA
VDD
AGND
DGND
PDL
CL
DOUT
16-BIT
SHIFT
REGISTER
SERIAL
CONTROL
INPUT
REG A
SCLK
UPO
REFB
DIN
CS
DAC A
DAC B
OUTB
R
R
FBB
OUTA
R
R
FBA
DAC
REG A
INPUT
REG B
LOGIC
OUTPUT
DECODE
CONTROL
DAC
REG B
MAX5150
MAX5151
_________________________________________________________Functional Diagram
Ordering Information continued at end of data sheet.
*
Dice are tested at TA = +25°C, DC parameters only.
INL
(LSB)
PIN-PACKAGE
TEMP. RANGE
PART
±1
±1/2
±1
±1/2
16 QSOP
16 QSOP
16 Plastic DIP
16 Plastic DIP
0°C to +70°C
0°C to +70°C
0°C to +70°C
0°C to +70°C
MAX5150BCEE
MAX5150ACEE
MAX5150BCPE
MAX5150ACPE
Pin Configuration appears at end of data sheet.
±1
Dice*
0°C to +70°C
MAX5150BC/D


Similar Part No. - MAX5151AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX515 MAXIM-MAX515 Datasheet
174Kb / 16P
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5152 MAXIM-MAX5152 Datasheet
225Kb / 20P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5152ACEE MAXIM-MAX5152ACEE Datasheet
225Kb / 20P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5152ACPE MAXIM-MAX5152ACPE Datasheet
225Kb / 20P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5152AEEE MAXIM-MAX5152AEEE Datasheet
225Kb / 20P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
More results

Similar Description - MAX5151AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5152 MAXIM-MAX5152 Datasheet
225Kb / 20P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
logo
IC MICROSYSTEMS
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com