Electronic Components Datasheet Search
  English  ▼

X  

MAX5154AEEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5154AEEE
Description  Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5154AEEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5154AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5154AEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5154AEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5154AEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5154AEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5154AEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5154AEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5154AEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5154AEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Serial-Data Output
The serial-data output, DOUT, is the internal shift regis-
ter’s output. DOUT allows for daisy chaining of devices
and data readback. The MAX5154/MAX5155 can be
programmed to shift data out of DOUT on SCLK’s
falling edge (Mode 0) or on the rising edge (Mode 1).
Mode 0 provides a lag of 16 clock cycles, which main-
tains compatibility with SPI/QSPI and Microwire inter-
faces. In Mode 1, the output data lags 15.5 clock
cycles. On power-up, the device defaults to Mode 0.
User-Programmable Logic Output (UPO)
UPO allows an external device to be controlled through
the serial interface (Table 1), thereby reducing the
number of microcontroller I/O pins required. On power-
up, UPO is low.
Power-Down Lockout Input (P
PD
DL
L)
The power-down lockout pin (PDL) disables software
shutdown when low. When in shutdown, transitioning
PDL from high to low wakes up the part with the output
set to the state prior to shutdown. PDL can also be
used to asynchronously wake up the device.
Daisy Chaining Devices
Any number of MAX5154/MAX5155s can be daisy
chained by connecting the DOUT pin of one device to
the DIN pin of the following device in the chain (Figure 7).
Since the MAX5154/MAX5155’s DOUT pin has an inter-
nal active pull-up, the DOUT sink/source capability
determines the time required to discharge/charge a
capacitive load. Refer to the digital output VOH and VOL
specifications in the
Electrical Characteristics.
Figure 8 shows an alternate method of connecting sev-
eral MAX5154/MAX5155s. In this configuration, the
data bus is common to all devices; data is not shifted
through a daisy chain. More I/O lines are required in
this configuration because a dedicated chip-select
input (CS) is required for each IC.
__________Applications Information
Unipolar Output
Figure 9 shows the MAX5154/MAX5155 configured for
unipolar, rail-to-rail operation with a gain of +2V/V. The
MAX5154 can produce a 0V to 4.096V output with
2.048V reference (Figure 9), while the MAX5155 can
produce a range of 0V to 2.5V with a 1.25V reference.
Table 2 lists the unipolar output codes. An offset to the
output can be achieved by connecting a voltage to
OS_, as shown in Figure 10. By applying VOS_ = -1V,
the output values will range between 1V and (1V +
VREF x 2).
Low-Power, Dual, 12-Bit Voltage-Output DACs
with Serial Interface
Table 2. Unipolar Code Table (Gain = +2)
MAX5154
MAX5155
DAC_
GAIN = +2V/V
REF_
OUT_
OS_
DGND
AGND
+5V/+3V
VDD
R
R
Figure 9. Unipolar Output Circuit (Rail-to-Rail)
MAX5154
MAX5155
DAC _
AGND
DGND
REF_
OUT_
OS_
VOS
+5V/+3V
VDD
R
R
______________________________________________________________________________________
13
ANALOG OUTPUT
1111 1111 1111 (0)
1000 0000 0001 (0)
DAC CONTENTS
MSB
LSB
1000 0000 0000 (0)
0111 1111 1111 (0)
0000 0000 0000 (0)
0V
0000 0000 0001 (0)
+V
4095
4096
2
REF


x
+V
2049
4096
REF


x 2
+V
2048
4096
V
REF
REF


=
x 2
+V
2047
4096
REF


x 2
+V
1
4096
REF


x 2
Figure 10. Setting OS_ for Output Offset
Note: ( ) are for the sub bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com