Electronic Components Datasheet Search
  English  ▼

X  

MAX5156BEEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5156BEEE
Description  Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5156BEEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5156BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5156BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5156BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5156BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5156BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5156BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5156BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5156BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5156BEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Low-Power, Dual, 12-Bit Voltage-Output DACs
with Configurable Outputs
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Digitally Programmable Current Source
Figure 15 depicts a digitally programmable, unidirec-
tional current source that can be used in industrial con-
trol applications. The output current is:
IOUT = (VREF / R) (NB / 4096)
where NB is the DAC code and R is the sense resistor.
Power-Supply Considerations
On power-up, the input and DAC registers clear (resets
to zero code). For rated performance, VREF_ should be
at least 1.4V below VDD. Bypass the power supply with
a 4.7µF capacitor in parallel with a 0.1µF capacitor to
GND. Minimize lead lengths to reduce lead inductance.
Grounding and Layout Considerations
Digital and AC transient signals on AGND can create
noise at the output. Connect AGND to the highest quali-
ty ground available. Use proper grounding techniques,
such as a multilayer board with a low-inductance
ground plane. Carefully lay out the traces between
channels to reduce AC cross-coupling and crosstalk.
Wire-wrapped boards and sockets are not recommend-
ed. If noise becomes an issue, shielding may be
required.
MAX5156
MAX5157
DAC_
REF_
2N3904
R
VL
IOUT
AGND
FB_
OUT_
+5V/+3V
VDD
DGND
Figure 15. Digitally Programmable Current Source
___________________Chip Information
TRANSISTOR COUNT: 3053
SUBSTRATE CONNECTED TO AGND
__________________Pin Configuration
_Ordering Information (continued)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AGND
VDD
OUTB
FBB
REFB
PDL
UPO
DOUT
DGND
TOP VIEW
MAX5156
MAX5157
DIP/QSOP
OUTA
FBA
CS
REFA
CL
DIN
SCLK
*
Contact factory for availability.
INL
(LSB)
PIN-PACKAGE
TEMP. RANGE
PART
±1
±1
±1/2
±1
±1/2
±2
±2
16 CERDIP*
-55°C to +125°C
MAX5156BMJE
16 QSOP
-40°C to +85°C
MAX5156BEEE
16 QSOP
-40°C to +85°C
MAX5156AEEE
16 Plastic DIP
-40°C to +85°C
MAX5156BEPE
16 Plastic DIP
-40°C to +85°C
MAX5156AEPE
±1
±2
±1
±2
±1
16 QSOP
0°C to +70°C
MAX5157BCEE
±2
16 Plastic DIP
0°C to +70°C
MAX5157BCPE
±1
16 QSOP
0°C to +70°C
MAX5157ACEE
16 CERDIP*
-55°C to +125°C
MAX5157BMJE
16 QSOP
-40°C to +85°C
MAX5157BEEE
16 QSOP
-40°C to +85°C
MAX5157AEEE
16 Plastic DIP
-40°C to +85°C
MAX5157BEPE
16 Plastic DIP
-40°C to +85°C
MAX5157AEPE
16 Plastic DIP
0°C to +70°C
MAX5157ACPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com