Electronic Components Datasheet Search
  English  ▼

X  

MAX5151BC/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5151BC/D
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151BC/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5151BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX5151BC/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MSB
LSB
puts become high impedance, and the serial inter-
face remains active. Data in the input registers is
saved, allowing the MAX5150/MAX5151 to recall the
output state prior to entering shutdown when returning
to normal mode. Exit shutdown by recalling the previ-
ous condition or by updating the DAC with new infor-
mation. When returning to normal operation (exiting
shutdown), wait 20µs for output stabilization.
Serial Interface
The MAX5150/MAX5151 3-wire serial interface is com-
patible with both Microwire (Figure 2) and SPI/QSPI
(Figure 3) serial-interface standards. The 16-bit serial
input word consists of an address bit, two control bits,
and 13 bits of data (MSB to LSB) as shown in Figure 4.
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
10
______________________________________________________________________________________
16-BIT SERIAL WORD
FUNCTION
A0
C1
C0
D12.......................D0
(MSB)
(LSB)
0
0
1
13-bit DAC data
Load input register A; DAC registers are unchanged.
0
1
1
13-bit DAC data
Load all DAC registers from the shift register
(start up both DACs with new data.).
1
1
0
13-bit DAC data
Load input register B; all DAC registers are updated.
0
1
0
13-bit DAC data
Load input register A; all DAC registers are updated.
1
0
1
13-bit DAC data
Load input register B; DAC registers are unchanged.
0
0
0
1 1 0 x xxxxxxxxx
Shut down DAC A (provided PDL = 1).
0
0
0
1 0 1 x xxxxxxxxx
Update DAC register B from input register B
(start up DAC B with data previously stored in input register B).
0
0
0
0 0 1 x xxxxxxxxx
Update DAC register A from input register A
(start up DAC A with data previously stored in input register A).
1
1
1
xxxxxxxxxxxxx
Shut down both DACs (provided PDL = 1).
1
0
0
xxxxxxxxxxxxx
Update both DAC registers from their respective input registers
(start up both DACs with data previously stored in the input registers).
0
0
0
1 1 1 x xxxxxxxxx
Shut down DAC B (provided PDL = 1).
0
0
0
0 1 0 x xxxxxxxxx
UPO goes low (default).
0
0
0
0 1 1 x xxxxxxxxx
UPO goes high.
0
0
0
1 0 0 1 xxxxxxxxx
Mode 1, DOUT clocked out on SCLK’s rising edge.
0
0
0
1 0 0 0 xxxxxxxxx
Mode 0, DOUT clocked out on SCLK’s falling edge (default).
0
0
0
0 0 0 x xxxxxxxxx
No operation (NOP).
Table 1. Serial-Interface Programming Commands
x = Don’t care
Note: When A0, C1, and C0 = 0, then D12, D11, D10, and D9 become control bits.
SCLK
DIN
CS
SK
SO
I/O
MAX5150
MAX5151
MICROWIRE
PORT
Figure 2. Connections for Microwire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com