Electronic Components Datasheet Search
  English  ▼

X  

MAX5152AEEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5152AEEE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5152AEEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5152AEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5152AEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5152AEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5152AEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5152AEEE Datasheet HTML 16Page - Maxim Integrated Products MAX5152AEEE Datasheet HTML 17Page - Maxim Integrated Products MAX5152AEEE Datasheet HTML 18Page - Maxim Integrated Products MAX5152AEEE Datasheet HTML 19Page - Maxim Integrated Products MAX5152AEEE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Digital Programmable Current Source
Figure 15 depicts a digitally programmable, unidirec-
tional current source that can be used in industrial con-
trol applications. The output current is:
IOUT = (VREF / R) (NB / 8192)
where NB is the DAC code and R is the sense resistor.
Power-Supply Considerations
On power-up, the input and DAC registers clear (reset
to zero code). For rated performance, VREF_ should be
at least 1.4V below VDD. Bypass the power supply with
a 4.7µF capacitor in parallel with a 0.1µF capacitor to
GND. Minimize lead lengths to reduce lead inductance.
Grounding and Layout Considerations
Digital and AC transient signals on AGND can create
noise at the output. Connect AGND to the highest quali-
ty ground available. Use proper grounding techniques,
such as a multilayer board with an unbroken, low-
inductance ground plane. Carefully lay out the traces
between channels to reduce AC cross-coupling and
crosstalk. Wire-wrapped boards and sockets are not
recommended. If noise becomes an issue, shielding
may be required.
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Configurable Outputs
16
______________________________________________________________________________________
MAX5152
MAX5153
DAC_
REF_
2N3904
R
VL
IOUT
AGND
FB_
OUT_
+5V/+3V
VDD
DGND
Figure 15. Digitally Programmable Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com