Electronic Components Datasheet Search
  English  ▼

X  

MAX5176BEEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5176BEEE
Description  Low-Power, Serial, 12-Bit DACs with Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5176BEEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5176BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5176BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5176BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5176BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5176BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5176BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5176BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5176BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5176BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Power, Serial, 12-Bit DACs
with Voltage Output
_______________________________________________________________________________________
5
Note 1: INL guaranteed between codes 10 and 4095.
Note 2: Offset is measured at the code that comes closest to 10mV.
Note 3: Accuracy is better than 1 LSB for VOUT = 10mV to VDD - 180mV. Guaranteed by PSR test on end points.
Note 4: RL = open and digital inputs are either VDD or DGND.
Note 5: INL guaranteed between codes 20 and 4095.
ELECTRICAL CHARACTERISTICS—MAX5176 (continued)
(VDD = +2.7V to +3.6V, VREF = 1.25V, OS = AGND = DGND, RL = 5kΩ, CL = 100pF referenced to ground, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C).
Power-Supply Current (Note 4)
IDD
0.35
0.4
mA
Positive Supply Voltage
VDD
2.7
3.6
V
Digital Feedthrough
1
nV-s
CS = VDD, DIN = 50kHz; fSCLK = 100kHz,
VSCLK = 3Vp-p
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Time Required to Exit Shutdown
40
µs
OS Pin Input Resistance
80
120
k
Ω
Output Voltage Swing (Note 3)
0
VDD
V
Voltage Output Slew Rate
SR
0.6
V/µs
CS Pulse Width High
tCSW
150
ns
SCLK Rise to CS Fall Delay
tCS0
10
ns
Output Settling Time
18
µs
To ±0.5LSB, from 10mV to full-scale
SCLK Fall to DOUT Valid
Propagation Delay
tDO2
200
ns
CLOAD = 200pF
CS Rise to SCLK Rise Hold Time
tCS1
75
ns
SCLK Rise to DOUT Valid
Propagation Delay
tDO1
200
ns
CLOAD = 200pF
SDI Hold Time
tDH
0
ns
SDI Setup Time
tDS
60
ns
SCLK Rise to CS Rise Hold Time
tCSH
0
ns
CSB Fall to SCLK Rise Setup
Time
tCSS
60
ns
SCLK Pulse Width Low
tCL
CONDITIONS
75
ns
SCLK Pulse Width High
tCH
75
ns
SCLK Clock Period
tCP
150
ns
Shutdown Current (Note 4)
110
µA
DYNAMIC PERFORMANCE
POWER SUPPLIES
TIMING CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com