Electronic Components Datasheet Search
  English  ▼

X  

MAX5151ACPE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5151ACPE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151ACPE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5151ACPE Datasheet HTML 8Page - Maxim Integrated Products MAX5151ACPE Datasheet HTML 9Page - Maxim Integrated Products MAX5151ACPE Datasheet HTML 10Page - Maxim Integrated Products MAX5151ACPE Datasheet HTML 11Page - Maxim Integrated Products MAX5151ACPE Datasheet HTML 12Page - Maxim Integrated Products MAX5151ACPE Datasheet HTML 13Page - Maxim Integrated Products MAX5151ACPE Datasheet HTML 14Page - Maxim Integrated Products MAX5151ACPE Datasheet HTML 15Page - Maxim Integrated Products MAX5151ACPE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
___________________Chip Information
TRANSISTOR COUNT: 3053
SUBSTRATE CONNECTED TO AGND
INL
(LSB)
PIN-PACKAGE
TEMP. RANGE
PART
±2
±2
±1
±2
±1
±1
±2
±1
±2
±1
±1
±1
±1/2
±1
±1/2
16 CERDIP**
-55°C to +125°C
MAX5151BMJE
16 QSOP
-40°C to +85°C
MAX5151BEEE
16 QSOP
-40°C to +85°C
MAX5151AEEE
16 Plastic DIP
-40°C to +85°C
MAX5151BEPE
16 Plastic DIP
-40°C to +85°C
MAX5151AEPE
Dice*
0°C to +70°C
MAX5151BC/D
16 QSOP
0°C to +70°C
MAX5151BCEE
16 QSOP
0°C to +70°C
MAX5151ACEE
16 Plastic DIP
0°C to +70°C
MAX5151BCPE
16 Plastic DIP
0°C to +70°C
MAX5151ACPE
16 CERDIP**
-55°C to +125°C
MAX5150BMJE
16 QSOP
-40°C to +85°C
MAX5150BEEE
16 QSOP
-40°C to +85°C
MAX5150AEEE
16 Plastic DIP
-40°C to +85°C
MAX5150BEPE
16 Plastic DIP
-40°C to +85°C
MAX5150AEPE
_Ordering Information (continued)
*
Dice are tested at TA = +25°C, DC parameters only.
**
Contact factory for availability.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AGND
VDD
OUTB
OSB
REFB
PDL
UPO
DOUT
DGND
TOP VIEW
MAX5150
MAX5151
DIP/QSOP
OUTA
OSA
CS
REFA
CL
DIN
SCLK
__________________Pin Configuration
________________________________________________________Package Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com