Electronic Components Datasheet Search
  English  ▼

X  

MAX5233EEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX5233EEE
Description  3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5233EEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX5233EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 14Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 15Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 16Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 17Page - Maxim Integrated Products MAX5233EEE Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Digital Feedthrough
Digital feedthrough is noise generated on the DAC’s
output when any digital input transitions. Proper board
layout and grounding significantly reduce this noise,
but there is always some feedthrough caused by the
DAC itself.
Unipolar Output
Figure 7 shows the MAX5232/MAX5233 configured for
unipolar, rail-to-rail operation. The MAX5233 produces
a 0 to 4.092V output, while the MAX5232 produces 0 to
2.046V output. Table 4 lists the unipolar output codes.
Digital Calibration and
Threshold Selection
Figure 8 shows the MAX5232/MAX5233 in a digital cali-
bration application. With a bright light value applied to
the photodiode (on), the DAC is digitally ramped until it
trips the comparator. The microprocessor (µP) stores
this high calibration value. Repeat the process with a
dim light (off) to obtain the dark current calibration. The
µP then programs the DAC to set an output voltage at
the midpoint of the two calibrated values. Applications
include tachometers, motion sensing, automatic read-
ers, and liquid clarity analysis.
Sharing a Common DIN Line
Several MAX5232/MAX5233s may share one common
DIN signal line (Figure 9). In this configuration, the data
bus is common to all devices; data is not shifted through
a daisy-chain. The SCLK and DIN lines are shared by all
devices, but each IC needs its own dedicated CS line.
Daisy-Chaining Devices
Any number of MAX5232/MAX5233s can be daisy-
chained by connecting the serial data output (DOUT) of
one device to the digital input (DIN) of the following
device in the chain (Figure 10).
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
______________________________________________________________________________________
15
Table 4. Unipolar Code Table
DAC CONTENTS
ANALOG OUTPUT (V)
MSB
LSB
MAX5232
MAX5233
1111 1111 11
(000)
2.046
4.092
1000 0000 01
(000)
1.025
2.050
1000 0000 00
(000)
1.023
2.046
0111 1111 11
(000)
1.021
2.042
0000 0000 01
(000)
0.002
0.004
0000 0000 00
(000)
0
0
DAC_
MAX5232
MAX5233
REF
REF
VDD
AGND
DGND
5V/3V
OUT_
OS_
121k
Ω
77.25k
Ω
1k
Ω
Figure 7. Unipolar Output Circuit (Rail-to-Rail)
DAC_
MAX5232
MAX5233
REF
REF
VDD
VOUT
AGND
DGND
5V/3V
OUT_
PHOTODIODE
OS_
V+
V+
V-
121k
Ω
77.25k
Ω
1k
Ω
RPULLDOWN
Figure 8. Digital Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com