Electronic Components Datasheet Search
  English  ▼

X  

LPR-10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LPR-10
Description  LPR Router Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPR-10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LPR-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPR-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Polarity-insensitive power and network connections mini-
mize the chance of miswiring. Two front panel jacks access the
two twisted pair networks without any disassembly, saving
time when the network must be accessed for configuration or
maintenance. A front panel bar code with the model, revision,
and two removable Neuron
® Chip ID stickers is provided.
When placed on the building or system design plans, these
stickers can save installation time, especially for inaccessible
nodes.
Mounting
The LPR modules may be used with either a Type 2 Base
Plate (for use with 4
″ square electrical boxes) or a Type 2D
DIN Base Plate (for wall, panel, or 35mm DIN-rail mounting).
LonPoint Module
Service
LED
Base Plate
4" Square
Electrical Box
LonPoint Interface Module 4
″ Square by 2″ Deep Electrical Box
Mounting Configuration
Type 2D DIN Base Plate Front View
Specifications
Function
Description
Processor
Two Neuron 3150
® Chips, 10MHz
Service function
Recessed service switch, service (wink) LED. Dual tear-off bar-code Neuron ID self-adhesive tag
Transceiver type
Varies by model
Input power
16-30VAC or DC @ 2VA, internally isolated power supply
Mounting
Type 2 or Type 2D DIN Base Plate
Temperature
-40 to +85°C, operating and non-operating
Humidity
10 to 95% RH @ 50°C
EMI
FCC A, CE Mark
Safety agency
U.L. 916
Dimensions
3.9
″ x 3.9″ x 1.0″ (10cm x 10cm x 2.5cm)
www .echelon.com
Copyright © 1999-2007, Echelon Corporation. Echelon, LON, LONWORKS, LONMARK, LonBuilder, NodeBuilder, LonManager, LonTalk, LonUsers, LonPoint, Digital Home, Neuron, 3120, 3150, LNS,
i.LON, LONWORLD,
ShortStack, Panoramix, Panoramix Powered by Echelon, LonMaker, the Echelon logo, and the LonUsers logo are trademarks of Echelon Corporation registered in the United States and other countries. Pyxos,
LonLink, LonResponse, LonSupport, LONews, Open Systems Alliance, OpenLDV, LonBridge, Powered by Echelon, LNS Powered by Echelon, LONWORKS Powered by Echelon, Networked Energy Services Powered
by Echelon, NES Powered by Echelon, and Thinking Inside the Box are trademarks of Echelon Corporation. Other trademarks belong to their respective holders.
Disclaimer
Neuron Chips, Free Topology Twisted Pair Transceiver Modules, and other OEM Products were not designed for use in equipment or systems which involve danger to human health or safety or a risk of property
damage and Echelon assumes no responsibility or liability for use of the Neuron Chips or Free Topology Twisted Pair Transceiver Modules in such applications. ECHELON MAKES AND YOU RECEIVE NO
WARRANTIES OR CONDITIONS, EXPRESS, IMPLIED, STATUTORY OR IN ANY COMMUNICATION WITH YOU, AND ECHELON SPECIFICALLY DISCLAIMS ANY IMPLIED WARRANTY OF MERCHANTABILITY
OR FITNESS FOR A PARTICULAR PURPOSE.
003-0137-01G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com