Electronic Components Datasheet Search
  English  ▼

X  

10080R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 10080R
Description  IzoT짰 CPM 4200 Wi-Fi EVK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10080R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  10080R Datasheet HTML 1Page - List of Unclassifed Manufacturers 10080R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operating Input Voltage
• 5VDC
External Power Supply
• 5V, 5W wall mount power supply
Environmental Specifications
• -40°C to +85°C (operating and
non-operating)
• 20% to 85% RH @ 50°C (operating and
non-operating)
Dimensions
• 76mm x 100mm (3” x 4”)
Ordering Information
Model 10080R-10-133U: IzoT CPM 4200
Wi-Fi EVK US Edition
Model 10080R-10-133: IzoT CPM 4200 Wi-
Fi EVK Global Edition
Model 28133R-US: IzoT CPM 4200 Wi-Fi
EVB US Edition
Model 28133R: IzoT CPM 4200 Wi-Fi EVB
Global Edition
Model 56550R: IzoT CPM 4200 Wi-Fi
Module
• Create and edit C/C++ code and the IzoT
Markup Language (IML) to implement
your device’s functionality and network
interface
• Compile, build, download and debug
your application to one of the included
Wi-Fi Evaluation Boards (EVBs) or to
your own custom devices based on the
CPM 4200 Wi-Fi Module
• Test with prototype I/O hardware with
the included EVBs or use your own
custom device to build and test your I/O
hardware
• Install your device into a LonTalk®/
IP or LON network and test how your
device interoperates with other LonTalk/
IP or LON devices on the same Wi-Fi
channel, or on other LonTalk/IP or LON
compatible channels such as Ethernet or
Free Topology (FT) twisted pair.
A rich set of LonMark® and IoT standard
profiles and data types is included that you
can use to reduce application development
time.
Specifications
Development PC Requirements
Operating System
• Microsoft Windows 10 (64-bit and 32-
bit), Windows 8.1 (64-bit and 32-bit),
Microsoft Windows 8 (64-bit and 32-bit),
or Microsoft Windows 7 (64-bit and
32-bit)
Minimum Hardware
• Pentium® 366MHz equivalent processor
or higher, meeting the minimum
requirements for the installed version of
Microsoft® Windows
• 2 GB RAM
Available I/O Peripherals
• 4 32-bit general purpose timers with
selectable clock source, programmable
clock divider, and pre-scalar
• 2 universal asynchronous receiver
transmitters (UARTs) supporting up to
115.2 kbps with auto flow control support
and programmable data format
• 2 I2C interfaces supporting up to 2 Mbps
• 1 quad serial peripheral interface (QSPI)
supporting up to 200 Mbps synchronous
serial communication
• 1 synchronous serial protocol (SSP)
interface supporting SSP and SPI
devices
• 2 analog to digital converters (ADCs)
with selectable decimation rates
providing effective resolutions from 10
to 16 bits
• 1 digital to analog converter (DAC) with
10-bit resolution and up to 500 kHz
throughput
• 17 general purpose input/outputs (GPIO)
that can be configured as general
purpose inputs or outputs
CPM 4200 EVB Specifications
Processor
• Marvell 88MC200 32MHz ARM
Cortex-M3
Memory
• 1Mbyte flash on CPM 4200 module
• 1Mbyte flash on CPM 4200 EVB
• 512Kbyte SRAM
Radio
• Marvell 88W8801 Wi-Fi SoC
• IEEE 802.11bgn, channels 1 – 13
• 2.4GHz band
• DSSS and OFDM modulation
• Up to 54Mbps transfer rate
• -82 dBm minimum sensitivity
• STA mode and AP mode, can be used
simultaneously
• On-board or external antenna, selectable
by application
Communications Protocols
• LonTalk/IP, TCP/IP, HTTP, HTTPS, TLS/
SSL, DNS, DHCP, WPA, WPS
Radio Standards and Certifications
• USA: FCC 15C – FCC ID
EW4DWMW077E
• Europe (Modules and EVK/EVB Global
Editions only):
» EN300 328 – Test Report 10614990S-B
» EN301 489-1/-17 – Test Report 10614990S-A
» EN60950-1 – Test Report 10614576H
» EN62311
• Canada (Modules and EVK/EVB Global
Editions only): RSS-Gen Issue 4:2014 – IC
8093A-DWMW077E
• Japan (Modules and EVK/EVB Global
Editions only): TELEC T-401 – ID 007-
AD0006
®
© 2015 Echelon, IzoT, LonWorks, and the Echelon logo are trademarks of Echelon Corporation registered in the United States and other
countries. Content subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com