Electronic Components Datasheet Search
  English  ▼

X  

IRHNJ57230SE Datasheet(PDF) 7 Page - International Rectifier

Part # IRHNJ57230SE
Description  Simple Drive Requirements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ57230SE Datasheet(HTML) 7 Page - International Rectifier

  IRHNJ57230SE Datasheet HTML 1Page - International Rectifier IRHNJ57230SE Datasheet HTML 2Page - International Rectifier IRHNJ57230SE Datasheet HTML 3Page - International Rectifier IRHNJ57230SE Datasheet HTML 4Page - International Rectifier IRHNJ57230SE Datasheet HTML 5Page - International Rectifier IRHNJ57230SE Datasheet HTML 6Page - International Rectifier IRHNJ57230SE Datasheet HTML 7Page - International Rectifier IRHNJ57230SE Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
IRHNJ57230SE, JANSR2N7486U3
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
12 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
Ω
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
VGS
Pre-Irradiation
.
25
50
75
100
125
150
0
20
40
60
80
100
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
5.4A
9.6A
12A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com