Electronic Components Datasheet Search
  English  ▼

X  

MAX532 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX532
Description  Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX532 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX532 Datasheet HTML 8Page - Maxim Integrated Products MAX532 Datasheet HTML 9Page - Maxim Integrated Products MAX532 Datasheet HTML 10Page - Maxim Integrated Products MAX532 Datasheet HTML 11Page - Maxim Integrated Products MAX532 Datasheet HTML 12Page - Maxim Integrated Products MAX532 Datasheet HTML 13Page - Maxim Integrated Products MAX532 Datasheet HTML 14Page - Maxim Integrated Products MAX532 Datasheet HTML 15Page - Maxim Integrated Products MAX532 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC
______________________________________________________________________________________
13
DACA
AGNDA
VOUTA
MAX532
RFBA
R/2
3
2
VREFA
1
VIN
4
R
2
4096
CODE
VOUT
VIN
=
-4096
CODE
VOUT
Figure 12. Programmable-Gain Amplifer
Programmable-Gain Amplifier (PGA)
The DAC/amplifier combination, along with access to
the feedback resistors, makes the MAX532 ideal as a
programmable-gain amplifier. In this application, the
DAC functions as a programmable resistor in the feed-
back loop. This type of configuration is shown in Figure
12, and is suitable for AC gain control. The DAC code
controls the gain for the PGA. As the code decreases,
the effective DAC resistance increases, and so the gain
also increases. The transfer function is given by:
VOUT/VIN = -REQA/RFBA,
where RFBA is the value of the feedback resistor (R/2),
and REQA is the effective DAC resistance controlled
by the digital input code:
R
4096
REQA = —— (————) ,
2
CODE
where CODE is the DAC code in decimal.
The transfer function is thus:
VOUT
-4096
——— =
———
VIN
CODE
The code may be programmed between 1 and (212 -1).
The zero code is not allowed, as it results in an open-
loop amplifier response.
Power-On Reset
On power-up, the internal DAC latches are set to
00 . . . . .00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com