Electronic Components Datasheet Search
  English  ▼

X  

MAX533 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX533
Description  2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX533 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX533 Datasheet HTML 2Page - Maxim Integrated Products MAX533 Datasheet HTML 3Page - Maxim Integrated Products MAX533 Datasheet HTML 4Page - Maxim Integrated Products MAX533 Datasheet HTML 5Page - Maxim Integrated Products MAX533 Datasheet HTML 6Page - Maxim Integrated Products MAX533 Datasheet HTML 7Page - Maxim Integrated Products MAX533 Datasheet HTML 8Page - Maxim Integrated Products MAX533 Datasheet HTML 9Page - Maxim Integrated Products MAX533 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2.7V, Low-Power, 8-Bit Quad DAC
with Rail-to-Rail Output Buffers
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VDD = +3V, TA = +25°C, unless otherwise noted.)
WORST-CASE 1LSB DIGITAL
STEP CHANGE (NEGATIVE)
MAX533-TOC10
2µs/div
CS
2V/div
OUTA
50mV/div
VDD = 3.0V
VREF = 2.5V
DAC CODE = 80 TO 7F hex
NO LOAD
WORST-CASE 1LSB DIGITAL
STEP CHANGE (POSITIVE)
MAX533-TOC11
2µs/div
CS
2V/div
OUTA
50mV/div
VDD = 3.0V
VREF = 2.5V
DAC CODE = 7F TO 80 hex
NO LOAD
-80
0.01
0.1
10
REFERENCE FEEDTHROUGH vs. FREQUENCY
-60
-70
-20
-30
-40
-50
FREQUENCY (MHz)
1
VDD = +3.0V
VREF = 3Vp-p SINE WAVE
DAC CODE = 00 HEX
CLOCK FEEDTHROUGH
MAX533-TOC13
2µs/div
SCLK
2V/div
OUTA
10mV/div
SCLK = 333kHz
SCLK tR = tF = 25ns
VDD = 3.0V
VREF = 2.5V
DAC CODE = 80 hex
NO LOAD
POSITIVE SETTLING TIME
MAX533-TOC14
5µs/div
CS
2V/div
OUTA
1V/div
VDD = 3.0V
VREF = 2.5V
DAC CODE = 00 TO FF hex
NO LOAD
5
-30
0.01
0.1
10
REFERENCE INPUT FREQUENCY RESPONSE
-20
-25
0
-5
-10
-15
FREQUENCY (MHz)
1
VREF = 0.1Vp-p SINE WAVE
CENTERED AT 2.5V
DAC CODE = FF HEX
VDD = +3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com