Electronic Components Datasheet Search
  English  ▼

X  

42150R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 42150R
Description  MPR-50 Multi-Port Router
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

42150R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  42150R Datasheet HTML 1Page - List of Unclassifed Manufacturers 42150R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www .echelon.com
Copyright © 2005-2007, Echelon Corporation. Echelon, LON, LONWORKS, LONMARK, LonBuilder, NodeBuilder, LonManager, LonTalk, LonUsers, LonPoint, Digital Home, Neuron, 3120, 3150, LNS,
i.LON, LONWORLD, ShortStack,
Panoramix, Panoramix Powered by Echelon, LonMaker, the Echelon logo, and the LonUsers logo are trademarks of Echelon Corporation registered in the United States and other countries. Pyxos, LonLink, LonResponse,
LonSupport, LONews, Open Systems Alliance, OpenLDV, LonBridge, Powered by Echelon, LNS Powered by Echelon, LONWORKS Powered by Echelon, Networked Energy Services Powered by Echelon, NES Powered by
Echelon, and Thinking Inside the Box are trademarks of Echelon Corporation. Other trademarks belong to their respective holders.
Disclaimer
Neuron Chips, Free Topology Twisted Pair Transceiver Modules, and other OEM Products were not designed for use in equipment or systems which involve danger to human health or safety or a risk of property damage and
Echelon assumes no responsibility or liability for use of the Neuron Chips or Free Topology Twisted Pair Transceiver Modules in such applications. ECHELON MAKES AND YOU RECEIVE NO WARRANTIES OR CONDITIONS,
EXPRESS, IMPLIED, STATUTORY OR IN ANY COMMUNICATION WITH YOU, AND ECHELON SPECIFICALLY DISCLAIMS ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE.
003-0402-01C
Service Switches
Six, recessed and finger-accessible
Operating Input Voltage
9-28VAC 40-70Hz, 9-35VDC
Operating Input Current
500mA maximum
LED Indicators
Power (one—green), Status (six—green, yellow or amber);
Status LED legend on front panel
Temperature
Operating
0 to +70° C
Non-operating
-20° to +85° C
Humidity
Operating (non-condensing)
25 to 90% RH @ +50° C
Non-operating (non-condensing)
95% RH @ +70° C
Shock and Vibration
ETSI300 019-2-3 T3.2
Dimensions
157.5mm (9 TE) wide, 80mm high, 80mm deep
EMC
FCC Part 15 Level B, EN55022 Class B, EN55024, CISPR 22 Class B, VCCI Class B
Agency Listings
U.L. 60950, cU.L. C22.2 No. 60950-00, TÜV EN60950, CE, C-Tick
Documentation
The MPR-50 Multi-Port Router User’s Guide and MPR-50 Multi-Port Router Quick Start Guide are provided in PDF format on the
included CD-ROM. These guides are also available from www.echelon.com.
Document
Echelon Part Number
MPR-50 Multi-Port Router User’s Guide
078-0308-01
MPR-50 Multi-Port Router Quick Start Guide
078-0309-01
Ordering Information
Product
Echelon Model Number
MPR-50 Multi-Port Router
42150R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com