Electronic Components Datasheet Search
  English  ▼

X  

MAX519 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX519
Description  2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX519 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX519 Datasheet HTML 8Page - Maxim Integrated Products MAX519 Datasheet HTML 9Page - Maxim Integrated Products MAX519 Datasheet HTML 10Page - Maxim Integrated Products MAX519 Datasheet HTML 11Page - Maxim Integrated Products MAX519 Datasheet HTML 12Page - Maxim Integrated Products MAX519 Datasheet HTML 13Page - Maxim Integrated Products MAX519 Datasheet HTML 14Page - Maxim Integrated Products MAX519 Datasheet HTML 15Page - Maxim Integrated Products MAX519 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2-Wire Serial 8-Bit DACs with
Rail-to-Rail Outputs
______________________________________________________________________________________
13
age, both DC and AC signals. The voltage at each REF
input sets the full-scale output voltage for its respective
DAC. The reference voltage must be positive. The
DAC’s input impedance is code dependent, with the
lowest value occurring when the input code is 55 hex or
0101 0101, and the maximum value occurring when the
input code is 00 hex. Since the REF input resistance
(RIN) is code dependent, it must be driven by a circuit
with low output impedance (no more than RIN ÷ 2000)
to maintain output linearity. The REF input capacitance
is also code dependent, with the maximum value
occurring at code FF hex (typically 30pF). The output
voltage for any DAC can be represented by a digitally
programmable voltage source as: VOUT = (N x VREF) /
256, where N is the numerical value of the DAC’s binary
input code.
Output Buffer Amplifiers
The DAC voltage outputs are internally buffered preci-
sion unity-gain followers that slew up to 1V/µs. The out-
puts can swing from 0V to VDD. With a 0V to 4V (or 4V
to 0V) output transition, the amplifier outputs typically
settle to 1/2LSB in 6µs when loaded with 10k
Ω in paral-
lel with 100pF. The buffer amplifiers are stable with any
combination of resistive loads
≥2kΩ and capacitive
loads
≤300pF.
The MAX517/MAX518/MAX519 are designed for unipo-
lar-output, single-quadrant multiplication where the out-
put voltages and the reference inputs are positive with
respect to AGND. Table 1 shows the unipolar code.
Table 1. Unipolar Code Table
2R
R
RR
2R
2R
2R
2R
2R
D0
D5
D6
D7
REF_*
GND
SHOWN FOR ALL 1s ON DAC
OUT_
*REF = VDD FOR THE MAX518
Figure 15. DAC Simplified Circuit Diagram
(
)
SDA
0
START
CONDITION
ADDRESS BYTE
ACK
10
1
or
AD3
1
or
AD2 AD1 AD0 0
0
0 0
0
011
(RST) (PD)
(PD)
EARLY
STOP CONDITION
INTERRUPTED
COMMAND BYTE
MAX517/MAX518/MAX519's
STATE REMAINS UNCHANGED.
(
)
SDA
0
START
CONDITION
ADDRESS BYTE
ACK
10
1
or
AD3
1
or
AD2 AD1 AD0 0
0
000
000
0
1
1
100
RST 1
COMMAND BYTE
(POWER DOWN)
ACK
INTERRUPTED
OUTPUT BYTE
(a)
(b)
MAX517/MAX518/MAX519
POWER DOWN; INPUT LATCH
UNCHANGED IF RST = 0,
DAC OUTPUT(S) RESET IF RST = 1.
EARLY
STOP CONDITION
X X
Figure 14. Early STOP Conditions
DAC CONTENTS
ANALOG OUTPUT
11111111
255
+ VREF
(———)
256
10000001
129
+ VREF
(———)
256
10000000
128
VREF
+ VREF
(———) = ——
256
2
01111111
127
+ VREF
(———)
256
00000001
1
+ VREF
(———)
256
00000000
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com