Electronic Components Datasheet Search
  English  ▼

X  

MAX530BENG Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX530BENG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX530BENG Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX530BENG Datasheet HTML 8Page - Maxim Integrated Products MAX530BENG Datasheet HTML 9Page - Maxim Integrated Products MAX530BENG Datasheet HTML 10Page - Maxim Integrated Products MAX530BENG Datasheet HTML 11Page - Maxim Integrated Products MAX530BENG Datasheet HTML 12Page - Maxim Integrated Products MAX530BENG Datasheet HTML 13Page - Maxim Integrated Products MAX530BENG Datasheet HTML 14Page - Maxim Integrated Products MAX530BENG Datasheet HTML 15Page - Maxim Integrated Products MAX530BENG Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
_Ordering Information (continued)
+5V, Low-Power, Parallel-Input,
Voltage-Output, 12-Bit DAC
1
2
3
4
12 3
45678
0
POSITIVE OFFSET
NEGATIVE OFFSET
DAC CODE (LSBs)
Figure 13. Single-Supply DAC Transfer Function
TRANSISTOR COUNT: 913;
SUBSTRATE CONNECTED TO VDD.
LDAC
REFGND
A0
D4
D3/D11
AGND
0.133"
(3.378mm)
0.087"
(2.210mm)
D5
D6
D7
A1
DGND
CS
REFIN
WR
REFOUT
VSS
VOUT
D2/D10
D1/D9
D0/D8
VDD
ROFS
RFB
CLR
___________________Chip Topography
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
ERROR
(LSB)
±1/2
±1
±1/2
±1
±1/2
±1
24 SSOP
-40°C to +85°C
MAX530BEAG
24 SSOP
-40°C to +85°C
MAX530AEAG
24 Wide SO
-40°C to +85°C
MAX530BEWG
24 Wide SO
-40°C to +85°C
MAX530AEWG
24 Narrow Plastic DIP
-40°C to +85°C
MAX530BENG
24 Narrow Plastic DIP
-40°C to +85°C
MAX530AENG
PIN-PACKAGE
TEMP. RANGE
PART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com