Electronic Components Datasheet Search
  English  ▼

X  

MAX5410EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5410EEE
Description  Dual, Audio, Log Taper Digital Potentiometers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5410EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5410EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5410EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX5408–MAX5411 dual, logarithmic taper digital
potentiometers, with 32-tap points each, replace
mechanical potentiometers in audio applications requir-
ing digitally controlled resistors. The MAX5408/
MAX5410 are dual potentiometers with one wiper per
potentiometer. The MAX5409/MAX5411 are dual poten-
tiometers with two wipers per potentiometer (see
Functional Diagram). An SPI™-compatible serial inter-
face controls the wiper positions. The MAX5408–
MAX5411 have a factory-set resistance of 10k
Ω per
potentiometer. A zero-crossing detect feature mini-
mizes the audible noise generated by wiper transitions.
The MAX5408–MAX5411 have nominal temperature
coefficients of 35ppm/°C end-to-end and 5ppm/°C
ratiometric. The MAX5408–MAX5411 are available in
16-pin QSOP and 16-pin thin QFN packages and are
specified over the extended temperature range (-40°C
to +85°C).
Applications
Stereo Volume Control
Fading and Balancing Stereo Signals
Mechanical Potentiometer Replacement
Features
o Log Taper with 2dB Steps Between Taps
o 32-Tap Positions for Each Wiper
o Small 16-Pin QSOP/QFN Packages
o Single-Supply Voltage Operation
+2.7V to +3.6V (MAX5408/MAX5409)
+4.5V to +5.5V (MAX5410/MAX5411)
o Low 0.5µA Standby Supply Current
o Zero-Crossing Detection for Clickless Switching
o Mute Function to -90dB
o 10kΩ Fixed Resistance Value
o 3-Wire SPI-Compatible Serial Data Interface
o Power-On Reset: Wiper Goes to Maximum
Attenuation
o Digital Output for Readback and Daisy-Chaining
Capabilities
Dual, Audio, Log Taper Digital Potentiometers
________________________________________________________________ Maxim Integrated Products
1
Pin Configurations
Ordering Information
19-2049; Rev 2; 9/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
WIPERS PER
RESISTOR
MAX5408EEE -40
°C to +85°C 16 QSOP
1
MAX5408ETE
-40
°C to +85°C 16 Thin QFN
1
MAX5409EEE -40
°C to +85°C 16 QSOP
2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DOUT
VDD
VLOGIC
GND
AGND
H1
L1
W1A
N.C. (W1B)
TOP VIEW
MAX5408-
MAX5411
QSOP
DIN
SCLK
L0
CS
H0
W0A
N.C. (W0B)
16
15
14
13
DIN
DOUT
VDD
VLOGIC
5
6
78
W0A
N.C. (W0B) N.C. (W1B)
W1A
9
10
11
12
L1
( ) ARE FOR MAX5409/MAX5411 ONLY
H1
AGND
GND
4
3
2
1
L0
H0
CS
SCLK
MAX5408-
MAX5411
THIN QFN
(4mm x 4mm)
(5mm x 6mm)
Ordering Information continued at end of data sheet.
Functional Diagram appears at end of data sheet.
SPI is a trademark of Motorola, Inc.


Similar Part No. - MAX5410EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX541 MAXIM-MAX541 Datasheet
1Mb / 12P
MAX54X Evaluation Kit
Rev 0; 5/12
MAX5413 MAXIM-MAX5413 Datasheet
532Kb / 11P
Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5413-MAX5415 MAXIM-MAX5413-MAX5415 Datasheet
532Kb / 11P
Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5413EUD MAXIM-MAX5413EUD Datasheet
532Kb / 11P
Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
More results

Similar Description - MAX5410EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5456 MAXIM-MAX5456 Datasheet
462Kb / 20P
Stereo Audio Taper Potentiometers with Pushbutton Interface
Rev 0; 11/04
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
Dual Log Audio Digital Potentiometer
Rev 0; 6/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com