Electronic Components Datasheet Search
  English  ▼

X  

MAX531AEPD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX531AEPD
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX531AEPD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX531AEPD Datasheet HTML 1Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 2Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 3Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 4Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 5Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 6Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 7Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 8Page - Maxim Integrated Products MAX531AEPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX531/MAX538/MAX539 are low-power, voltage-
output, 12-bit digital-to-analog converters (DACs) speci-
fied for single +5V power-supply operation. The MAX531
can also be operated with ±5V supplies. The
MAX538/MAX539 draw only 140µA, and the MAX531
(with internal reference) draws only 260µA. The
MAX538/MAX539 come in 8-pin DIP and SO packages,
while the MAX531 comes in 14-pin DIP and SO pack-
ages. All parts have been trimmed for offset voltage,
gain, and linearity, so no further adjustment is necessary.
The MAX538’s buffer is fixed at a gain of +1 and the
MAX539’s buffer at a gain of +2. The MAX531’s internal
op amp may be configured for a gain of +1 or +2, as
well as for unipolar or bipolar output voltages. The
MAX531 can also be used as a four-quadrant multiplier
without external resistors or op amps.
For parallel data inputs, see the MAX530 data sheet.
_______________________Applications
Battery-Powered Test Instruments
Digital Offset and Gain Adjustment
Battery-Operated/Remote Industrial Controls
Machine and Motion Control Devices
Cellular Telephones
___________________________Features
o Operate from Single +5V Supply
o Buffered Voltage Output
o Internal 2.048V Reference (MAX531)
o 140µA Supply Current (MAX538/MAX539)
o INL = ±1/2LSB (max)
o Guaranteed Monotonic over Temperature
o Flexible Output Ranges:
0V to VDD (MAX531/MAX539)
VSS to VDD (MAX531)
0V to 2.6V (MAX531/MAX538)
o 8-Pin SO/DIP (MAX538/MAX539)
o Power-On Reset
o Serial Data Output for Daisy-Chaining
______________Ordering Information
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
VDD
VOUT
REFIN
AGND
DOUT
CS
SCLK
DIN
DIP/SO
TOP VIEW
MAX538
MAX539
_________________Pin Configurations
________________Functional Diagram
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
19-0172; Rev 6; 2/97
PART
TEMP. RANGE
PIN-PACKAGE
MAX531ACPD
0°C to +70°C
14 Plastic DIP
MAX531BCPD
0°C to +70°C
14 Plastic DIP
MAX531ACSD
0°C to +70°C
14 SO
MAX531BCSD
0°C to +70°C
14 SO
ERROR
(LSB)
±1/2
±1
±1/2
±1
DAC
DAC REGISTER
(12 BITS)
SHIFT REGISTER
(12 BITS)
4
BITS
CONTROL
LOGIC
POWER-UP
RESET
2.048V
REFERENCE
(MAX531 ONLY)
AGND
SCLK
DIN
(MAX531 ONLY)
REFOUT
REFIN
(MAX531 ONLY)
BIPOFF
RFB
(MAX531
ONLY)
VOUT
VDD
DGND
(MAX531
ONLY)
VSS
(MAX531
ONLY)
DOUT
(LSB)
(MSB)
CLR
(MAX531
ONLY)
CS
MAX531
MAX538
MAX539
MAX531BC/D
0°C to +70°C
Dice*
±1
Ordering Information continued at end of data sheet.
*Dice are specified at TA = +25°C only.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX531AEPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
-10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5312 MAXIM-MAX5312 Datasheet
348Kb / 10P
MAX5312 Evaluation Kit
Rev 0; 2/08
MAX5312EAE MAXIM-MAX5312EAE Datasheet
1Mb / 19P
-10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5312EVKIT MAXIM-MAX5312EVKIT Datasheet
348Kb / 10P
MAX5312 Evaluation Kit
Rev 0; 2/08
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
More results

Similar Description - MAX531AEPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX504 MAXIM-MAX504 Datasheet
174Kb / 16P
5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com