Electronic Components Datasheet Search
  English  ▼

X  

MAX551 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX551
Description  3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX551 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX551 Datasheet HTML 1Page - Maxim Integrated Products MAX551 Datasheet HTML 2Page - Maxim Integrated Products MAX551 Datasheet HTML 3Page - Maxim Integrated Products MAX551 Datasheet HTML 4Page - Maxim Integrated Products MAX551 Datasheet HTML 5Page - Maxim Integrated Products MAX551 Datasheet HTML 6Page - Maxim Integrated Products MAX551 Datasheet HTML 7Page - Maxim Integrated Products MAX551 Datasheet HTML 8Page - Maxim Integrated Products MAX551 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
+3V/+5V, 12-Bit, Serial, Multiplying DACs
in 10-Pin µMAX Package
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS —MAX552
(VDD = +2.7V to +3.6V, VREF = 2.5V, OUT = AGND = GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
MAX552A
VREF = 6VRMS at 1kHz, DAC register loaded
with all 1s
VREF = 3Vp-p at 10kHz, DAC register loaded
with all 0s
Using internal feedback resistor (RFB)
(Note 2)
∆VDD = +20%, -10%
TA = +25°C, to 1/2LSB, OUT load is
100
Ω||13pF, DAC register alternately loaded
with 1s and 0s
10Hz to 100kHz, measured between RFB and
OUT
CONDITIONS
nV/
√Hz
13
15
Output Noise-Voltage Density
LSB
±1
Gain Error
±1/2
INL
dB
-85
THD
Total Harmonic Distortion
mVp-p
0.2
0.6
AC Feedthrough at OUT
µs
0.12
1
ppm/°C
±0.3
±1
Gain Tempco
(
∆Gain/∆Temp)
ppm/%
1
PSR
Power-Supply Rejection
tS
Current Settling Time
MAX552A
VREF = 0V, OUT load is 100Ω||13pF, DAC
register alternately loaded with 1s and 0s
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Guaranteed monotonic over
temperature
Bits
12
N
Resolution
MAX552A
MAX552B
±1
±1/2
Integral Nonlinearity
DNL
Differential Nonlinearity
MAX552B
±1
MAX552B
Using internal feedback
resistor (RFB)
Digital-to-Analog Glitch
nV-s
±2
0.6
20
Measured between REF and OUT
k
Ω
7
11
15
RREF
Input Resistance
ppm/°C
7.5
Input Resistance Tempco
VOUT = 0.31Vp-p, RL = 50Ω, code = full-scale
kHz
725
BW
Reference -3dB Bandwidth
DAC register loaded
with all 0s
nA
±0.13
±5
OUT Leakage Current
Code = zero code (Note 2)
pF
14
20
TA = +25°C
±25
TA = TMIN to TMAX
Code = full scale (Note 2)
20
30
COUT
OUT Capacitance
STATIC PERFORMANCE
DYNAMIC PERFORMANCE (Note 3)
REFERENCE INPUT
ANALOG OUTPUT
LSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com