Electronic Components Datasheet Search
  English  ▼

X  

UTT100N08 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT100N08
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT100N08 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT100N08_15 Datasheet HTML 1Page - Unisonic Technologies UTT100N08_15 Datasheet HTML 2Page - Unisonic Technologies UTT100N08_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT100N08
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-727.a
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
80
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
100
A
Pulsed
IDM
400
A
Avalanche Energy
Single Pulsed
EAS
875
mJ
Peak Diode Recovery dv/dt
dv/dt
6
V/ns
Power Dissipation
PD
83
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
80
V
Drain-Source Leakage Current
IDSS
VDS=60V, VGS=0V
10
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=50A
7
12
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
1500
pF
Output Capacitance
COSS
1060
pF
Reverse Transfer Capacitance
CRSS
700
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=30V, ID=100A
500
nC
Gate to Source Charge
QGS
50
nC
Gate to Drain Charge
QGD
33
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, VGS=10V,
ID≒100A, RG=0.4Ω
90
ns
Rise Time
tR
130
200
ns
Turn-OFF Delay Time
tD(OFF)
768
ns
Fall-Time
tF
280
420
ns
Transconductance
gFS
VDS=15V, ID=30A
30
S
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
100
A
Maximum Body-Diode Pulsed Current
ISM
400
A
Drain-Source Diode Forward Voltage
VSD
IS=100A, VGS=0V
1.0
1.5
V
Resistance of Gate
RG
0.65
1.3
2
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com