Electronic Components Datasheet Search
  English  ▼

X  

LP2985 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP2985
Description  150-mA Low-noise Low-dropout Regulator With Shutdown
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2985_15 Datasheet HTML 13Page - Texas Instruments LP2985_15 Datasheet HTML 14Page - Texas Instruments LP2985_15 Datasheet HTML 15Page - Texas Instruments LP2985_15 Datasheet HTML 16Page - Texas Instruments LP2985_15 Datasheet HTML 17Page - Texas Instruments LP2985_15 Datasheet HTML 18Page - Texas Instruments LP2985_15 Datasheet HTML 19Page - Texas Instruments LP2985_15 Datasheet HTML 20Page - Texas Instruments LP2985_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
LP2985
1
2
3
5
4
2.2 F
10 nF
1 F
VIN
VOUT
ON/OFF
tied to VIN
if not used
LP2985
www.ti.com
SLVS522O – JULY 2004 – REVISED JANUARY 2015
10 Layout
10.1 Layout Guidelines
•
It is recommended that the input pin be bypassed to ground with a bypass-capacitor.
•
The optimum placement of the bypass capacitor is closest to the VIN of the device and GND of the system.
Care must be taken to minimize the loop area formed by the bypass-capacitor connection, the VIN pin, and
the GND pin of the system.
•
For operation at full-rated load, it is recommended to use wide trace lengths to eliminate IR drop and heat
dissipation.
10.2 Layout Example
Figure 32. Layout Diagram
11 Device and Documentation Support
11.1 Trademarks
All trademarks are the property of their respective owners.
11.2 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
11.3 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com