Electronic Components Datasheet Search
  English  ▼

X  

MAX538 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX538
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX538 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX538 Datasheet HTML 1Page - Maxim Integrated Products MAX538 Datasheet HTML 2Page - Maxim Integrated Products MAX538 Datasheet HTML 3Page - Maxim Integrated Products MAX538 Datasheet HTML 4Page - Maxim Integrated Products MAX538 Datasheet HTML 5Page - Maxim Integrated Products MAX538 Datasheet HTML 6Page - Maxim Integrated Products MAX538 Datasheet HTML 7Page - Maxim Integrated Products MAX538 Datasheet HTML 8Page - Maxim Integrated Products MAX538 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+5V, Low-Power, Voltage-Output
Serial 12-Bit DACs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
VDD to DGND and VDD to AGND ................................-0.3V, +6V
VSS to DGND and VSS to AGND .................................-6V, +0.3V
VDD to VSS .................................................................-0.3V, +12V
AGND to DGND........................................................-0.3V, +0.3V
Digital Input Voltage to DGND ......................-0.3V, (VDD + 0.3V)
REFIN ..................................................(VSS - 0.3V), (VDD + 0.3V)
REFOUT to AGND .........................................-0.3V, (VDD + 0.3V)
RFB .....................................................(VSS - 0.3V), (VDD + 0.3V)
BIPOFF ................................................(VSS - 0.3V), (VDD + 0.3V)
VOUT (Note 1) ................................................................VSS, VDD
Continuous Current, Any Pin................................-20mA, +20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C)....727mW
8-Pin SO (derate 5.88mW/°C above +70°C) ................471mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)...800mW
14-Pin SO (derate 8.33mW/°C above +70°C) ..............667mW
Operating Temperature Ranges
MAX53_ _C_ _ .....................................................0°C to +70°C
MAX53_ _E_ _ ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(VDD = +5V ±10%, VSS = 0V, AGND = DGND = 0V, REFIN = 2.048V (external), RFB = BIPOFF = VOUT (MAX531), CREFOUT = 33µF
(MAX531), RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Unipolar Offset Error
VOS
08
LSB
Differential Nonlinearity
DNL
±1
LSB
Relative Accuracy (Note 2)
INL
LSB
±1
Unipolar Offset Tempco
TCVOS
3
ppm/°C
Gain Error (Note 2)
GE
±1
LSB
Resolution
N
12
Bits
±0.5
Gain-Error Tempco
1
ppm/°C
Power-Supply Rejection Ratio
(Note 3)
PSRR
0.4
1
LSB/V
0VDD - 2
Output Voltage Range
0VDD - 0.4
V
Output Load Regulation
1
LSB
Short-Circuit Current
ISC
12
mA
Voltage Range
0VDD - 2
V
Input Resistance
40
k
Ω
Input Capacitance
10
50
pF
AC Feedthrough
-80
dB
CONDITIONS
MAX53_ _C/E
Guaranteed monotonic
4.5V
≤ VDD ≤ 5.5V
MAX53_ _C/E
MAX531 (G = +1), MAX538
MAX531 (G = +2), MAX539
VOUT = 2V, RL = 2kΩ
Code dependent, minimum at code 555 hex
Code dependent (Note 4)
REFIN = 1kHz, 2Vp-p
Note 1: The output may be shorted to VDD, VSS, or AGND if the package power dissipation limit is not exceeded.
MAX53_AC/E
MAX53_BC/E
REFERENCE INPUT (REFIN)
VOLTAGE OUTPUT (VOUT)
STATIC PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com