Electronic Components Datasheet Search
  English  ▼

X  

LP2985A-10DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985A-10DBVT
Description  150-mA Low-noise Low-dropout Regulator With Shutdown
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-10DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2985A-10DBVT Datasheet HTML 10Page - Texas Instruments LP2985A-10DBVT Datasheet HTML 11Page - Texas Instruments LP2985A-10DBVT Datasheet HTML 12Page - Texas Instruments LP2985A-10DBVT Datasheet HTML 13Page - Texas Instruments LP2985A-10DBVT Datasheet HTML 14Page - Texas Instruments LP2985A-10DBVT Datasheet HTML 15Page - Texas Instruments LP2985A-10DBVT Datasheet HTML 16Page - Texas Instruments LP2985A-10DBVT Datasheet HTML 17Page - Texas Instruments LP2985A-10DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
VO = 3.3 V
Cbyp = 10 nF
DIL = 150 mA
IL
VO
20 ms/div→
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
20 ms/div→
VO = 3.3 V
Cbyp = 10 nF
DIL = 100 mA
IL
VO
LP2985
SLVS522O – JULY 2004 – REVISED JANUARY 2015
www.ti.com
Application Information (continued)
8.1.4 Detailed Design Procedure
8.1.4.1 Capacitor Characteristics
8.1.4.1.1
Ceramics
Ceramic capacitors are ideal choices for use on the output of the LP2985 for several reasons. For capacitances
in the range of 2.2
μF to 4.7 μF, ceramic capacitors have the lowest cost and the lowest ESR, making them
choice candidates for filtering high-frequency noise. For instance, a typical 2.2-
μF ceramic capacitor has an ESR
in the range of 10 m
Ω to 20 mΩ and, thus, satisfies minimum ESR requirements of the regulator.
Ceramic capacitors have one major disadvantage that must be taken into account – a poor temperature
coefficient, where the capacitance can vary significantly with temperature. For instance, a large-value ceramic
capacitor (
≥ 2.2 μF) can lose more than half of its capacitance as the temperature rises from 25°C to 85°C. Thus,
a 2.2-
μF capacitor at 25°C drops well below the minimum COUT required for stability, as ambient temperature
rises. For this reason, select an output capacitor that maintains the minimum 2.2
μF required for stability over the
entire operating temperature range. Note that there are some ceramic capacitors that can maintain a ±15%
capacitance tolerance over temperature.
8.1.4.1.2
Tantalum
Tantalum capacitors can be used at the output of the LP2985, but there are significant disadvantages that could
prohibit their use:
•
In the 1-
μF to 4.7-μF range, tantalum capacitors are more expensive than ceramics of the equivalent
capacitance and voltage ratings.
•
Tantalum capacitors have higher ESRs than their equivalent-sized ceramic counterparts. Thus, to meet the
ESR requirements, a higher-capacitance tantalum may be required, at the expense of larger size and higher
cost.
•
The ESR of a tantalum capacitor increases as temperature drops, as much as double from 25°C to –40°C.
Thus, ESR margins must be maintained over the temperature range to prevent regulator instability.
8.1.4.2 ON/OFF Operation
The LP2985 allows for a shutdown mode via the ON/OFF pin. Driving the pin LOW (
≤ 0.3 V) turns the device
OFF; conversely, a HIGH (
≥ 1.6 V) turns the device ON. If the shutdown feature is not used, ON/OFF should be
connected to the input to ensure that the regulator is on at all times. For proper operation, do not leave ON/OFF
unconnected, and apply a signal with a slew rate of
≥ 40 mV/μs.
8.1.5 Application Curves
Figure 21. Load Transient Response
Figure 22. Load Transient Response
14
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com