Electronic Components Datasheet Search
  English  ▼

X  

MAX545ACSD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX545ACSD
Description  5V, Serial-Input, Voltage-Output, 14-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX545ACSD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX545ACSD Datasheet HTML 4Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 5Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 6Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 7Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 8Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 9Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 10Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 11Page - Maxim Integrated Products MAX545ACSD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 14-Bit DACs
8
_______________________________________________________________________________________
Digital Interface
The MAX544/MAX545’s digital interface is a standard
3-wire connection compatible with SPI/QSPI/
MICROWIRE interfaces. The chip-select input (CS)
frames the serial data loading at the data-input pin
(DIN). Immediately following CS’s high-to-low transition,
the data is shifted synchronously and latched into the
input register on the rising edge of the serial clock input
(SCLK). After 16 bits (14 data bits, plus 2 sub-bits set to
zero) have been loaded into the serial input register, it
transfers its contents to the DAC latch on CS’s low-to-
high transition (Figure 3a). Note that if CS is not kept
low during the entire 16 SCLK cycles, data will be cor-
rupted. In this case, reload the DAC latch with a new
16-bit word.
Alternatively, for the MAX545, LDAC allows the DAC
latch to update asynchronously by pulling LDAC low
after CS goes high (Figure 3b). Hold LDAC high during
the data-loading sequence.
External Reference
The MAX544/MAX545 operate with external voltage ref-
erences from 2V to 3V. The reference voltage deter-
mines the DAC’s full-scale output voltage. Kelvin
connections are provided with the MAX545 for optimum
performance. The 2.5V MAX873A, with ±15mV initial
accuracy and a 7ppm/°C (max) temperature coeffi-
cient, is a good choice.
Power-On Reset
The MAX544/MAX545 have a power-on reset circuit to
set the DAC’s output to 0V in unipolar mode when VDD
is first applied. This ensures that unwanted DAC output
voltages will not occur immediately following a system
power-up, such as after a loss of power. In bipolar
mode, the DAC output is set to -VREF.
;
;
;;
CS
SCLK
DIN
MSB
LSB
D13
D6
D5 D4 D3 D2 D1 D0
S1 S0
SUB-BITS
DAC
UPDATED
D12 D11 D10 D9 D8 D7
;
;;
;;;
CS
SCLK
DIN
LDAC
MSB
LSB
D13 D12 D11 D10 D9 D8 D7 D6
D5 D4 D3 D2 D1 D0 S1
S0
DAC
UPDATED
SUB-BITS
Figure 3a. MAX544/MAX545 3-Wire Interface Timing Diagram (LDAC = DGND for MAX545)
Figure 3b. MAX545 4-Wire Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com