Electronic Components Datasheet Search
  English  ▼

X  

MAX5544ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5544ESA
Description  Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5544ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5544ESA Datasheet HTML 1Page - Maxim Integrated Products MAX5544ESA Datasheet HTML 2Page - Maxim Integrated Products MAX5544ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5544ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5544ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5544ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5544ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5544ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low-Cost, +5V, Serial-Input,
Voltage-Output, 14-Bit DAC
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +5V, VREF = +2.5V, TA = +25°C, unless otherwise noted.)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
-40
-20
0
20
40
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0.35
0.34
0.33
0.32
0.31
0.30
0.29
0.28
0.27
0.26
0.25
0123456
SUPPLY CURRENT
vs. REFERENCE VOLTAGE
REFERENCE VOLTAGE (V)
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-60
-20
20
60
100
140
TEMPERATURE (°C)
ZERO-CODE OFFSET ERROR
vs. TEMPERATURE
0.30
0.20
0.10
0
-0.10
-0.20
-0.30
-60
-20
20
60
100
140
TEMPERATURE (°C)
INTEGRAL NONLINEARITY
vs. TEMPERATURE
+INL
-INL
-0.125
-0.250
0.125
0
0.250
0
5k
10k
15k
20k
INTEGRAL NONLINEARITY
vs. CODE
DAC CODE
0.30
0.20
0.10
0
-0.10
-0.20
-0.30
-60
-20
20
60
100
140
TEMPERATURE (°C)
DIFFERENTIAL NONLINEARITY
vs. TEMPERATURE
+DNL
-DNL
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-60
-20
20
60
100
140
TEMPERATURE (°C)
GAIN ERROR
vs. TEMPERATURE
0.250
0.125
-0.125
0
-0.250
0
5k
10k
15k
20k
DIFFERENTIAL NONLINEARITY
vs. CODE
DAC CODE
200
160
120
80
40
0
0
4k
8k
12k
16k
20k
DAC CODE
REFERENCE CURRENT
vs. CODE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com