Electronic Components Datasheet Search
  English  ▼

X  

MAX542CCPD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX542CCPD
Description  5V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX542CCPD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX542CCPD Datasheet HTML 1Page - Maxim Integrated Products MAX542CCPD Datasheet HTML 2Page - Maxim Integrated Products MAX542CCPD Datasheet HTML 3Page - Maxim Integrated Products MAX542CCPD Datasheet HTML 4Page - Maxim Integrated Products MAX542CCPD Datasheet HTML 5Page - Maxim Integrated Products MAX542CCPD Datasheet HTML 6Page - Maxim Integrated Products MAX542CCPD Datasheet HTML 7Page - Maxim Integrated Products MAX542CCPD Datasheet HTML 8Page - Maxim Integrated Products MAX542CCPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX541/MAX542 are serial-input, voltage-output,
16-bit digital-to-analog converters (DACs) that operate
from a single +5V supply. They provide 16-bit perfor-
mance (±1LSB INL and DNL) over temperature without
any adjustments. The DAC output is unbuffered, result-
ing in a low supply current of 0.3mA and a low offset
error of 1LSB.
The DAC output range is 0V to VREF. For bipolar opera-
tion, matched scaling resistors are provided in the
MAX542 for use with an external precision op amp
(such as the MAX400), generating a ±VREF output
swing. The MAX542 also includes Kelvin-sense con-
nections for the reference and analog ground pins to
reduce layout sensitivity.
A 16-bit serial word is used to load data into the DAC
latch. The 10MHz, 3-wire serial interface is compatible
with SPI™/QSPI™/MICROWIRE™, and it also interfaces
directly with optocouplers for applications requiring isola-
tion. A power-on reset circuit clears the DAC output to 0V
(unipolar mode) when power is initially applied.
The MAX541 is available in 8-pin plastic DIP and SO
packages. The MAX542 is available in 14-pin plastic
DIP and SO packages.
Applications
High-Resolution Offset and Gain Adjustment
Industrial Process Control
Automated Test Equipment
Data-Acquisition Systems
Features
o Full 16-Bit Performance Without Adjustments
o +5V Single-Supply Operation
o Low Power: 1.5mW
o 1µs Settling Time
o Unbuffered Voltage Output Directly Drives 60kΩ
Loads
o SPI/QSPI/MICROWIRE-Compatible Serial Interface
o Power-On Reset Circuit Clears DAC Output to 0V
(unipolar mode)
o Schmitt Trigger Inputs for Direct Optocoupler
Interface
+5V, Serial-Input, Voltage-Output, 16-Bit DACs
________________________________________________________________ Maxim Integrated Products
1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VDD
INV
DGND
LDAC
AGNDS
AGNDF
OUT
RFB
TOP VIEW
MAX542
DIN
N.C.
SCLK
CS
REFF
REFS
DIP/SO
DIN
REF
SCLK
CS
1
2
8
7
VDD
DGND
AGND
OUT
MAX541
3
4
6
5
DIP/SO
General Description
16-BIT DAC
16-BIT DATA LATCH
SERIAL INPUT REGISTER
CONTROL
LOGIC
MAX542
REFF
REFS
CS
LDAC
DIN
SCLK
AGNDS
AGNDF
OUT
INV
RFB
VDD
DGND
RFB
RINV
Functional Diagrams
19-1082; Rev 2; 12/99
PART
MAX541ACPA
MAX541BCPA
MAX541ACSA
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 Plastic DIP
8 SO
Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
MAX541BCSA
0°C to +70°C
8 SO
INL
(LSB)
±1
±2
±1
±2
Ordering Information continued at end of data sheet.
MAX541CCPA
0°C to +70°C
8 Plastic DIP
±4
MAX541CCSA
0°C to +70°C
8 SO
±4
Functional Diagrams continued at end of data sheet.


Similar Part No. - MAX542CCPD

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MAX542 AMD-MAX542 Datasheet
493Kb / 35P
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
logo
Maxim Integrated Produc...
MAX542 MAXIM-MAX542 Datasheet
1Mb / 12P
MAX54X Evaluation Kit
Rev 0; 5/12
MAX5420 MAXIM-MAX5420 Datasheet
258Kb / 9P
Digitally Programmable Precision Voltage Divider for PGAs
Rev 1; 7/03
MAX5420AEUA MAXIM-MAX5420AEUA Datasheet
258Kb / 9P
Digitally Programmable Precision Voltage Divider for PGAs
Rev 1; 7/03
MAX5420BEUA MAXIM-MAX5420BEUA Datasheet
258Kb / 9P
Digitally Programmable Precision Voltage Divider for PGAs
Rev 1; 7/03
More results

Similar Description - MAX542CCPD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5541 AD-AD5541 Datasheet
186Kb / 12P
5 V, Serial-Input Voltage-Output, 16-Bit DACs
logo
Maxim Integrated Produc...
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
logo
Analog Devices
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com