Electronic Components Datasheet Search
  English  ▼

X  

MAX562 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX562
Description  Complete 230kbps, 2.7V to 5.25V Serial Interface for Notebook Computers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX562 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX562 Datasheet HTML 1Page - Maxim Integrated Products MAX562 Datasheet HTML 2Page - Maxim Integrated Products MAX562 Datasheet HTML 3Page - Maxim Integrated Products MAX562 Datasheet HTML 4Page - Maxim Integrated Products MAX562 Datasheet HTML 5Page - Maxim Integrated Products MAX562 Datasheet HTML 6Page - Maxim Integrated Products MAX562 Datasheet HTML 7Page - Maxim Integrated Products MAX562 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Complete 230kbps, 2.7V to 5.25V
Serial Interface for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
VCC ......................................................................... -0.3V to +6V
V+ ................................................................ (VCC - 0.3V) to +6V
V- ............................................................................ +0.3V to -6V
C1A+, C1B+ .................................................. -6V to (V+ + 0.3V)
C1A-, C1B-, C2+ ........................................ -0.3V to (V+ + 0.3V)
C2- .................................................................. (V- - 0.3V) to +6V
Input Voltages
TIN, EN, SHDN ........................................ -0.3V to (VCC + 0.3V)
RIN....................................................................................±25V
Output Voltages
TOUT ............................................................................... ±15V
ROUT ...................................................... -0.3V to (VCC + 0.3V)
Short-Circuit Duration
TOUT to GND ........................................................ Continuous
ROUT to GND, VCC ................................................ Continuous
Continuous Power Dissipation (TA = +70°C)
SO (derate 12.50mW/°C above +70°C) .................. 1000mW
SSOP (derate 9.52mW/°C above +70°C) ................. 762mW
Operating Temperature Ranges:
MAX562C_ _ ..................................................... 0°C to +70°C
MAX562E_ _ .................................................. -40°C to +85°C
Storage Temperature Range ........................... -65°C to +160°C
Lead Temperature (soldering, 10sec) ........................... +300°C
ELECTRICAL CHARACTERISTICS
(V
CC = 2.7V to 5.25V, C1A = C1B = C2 = C4 = 0.33µF, C3 = 0.68µF, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
MIN
TYP
MAX
UNITS
Input Voltage Operating Range
±25
V
Input Threshold Low
0.8
V
Input Threshold High
2.4
V
Input Hysteresis
No hysteresis when
SHDN = 0V
0.3
V
Input Resistance
-15V < VIN < 15V
3
5
7
k
Ω
Output Voltage Swing
All transmitter outputs loaded with 3k
Ω to GND
±3.7
±4.5
±6.0
V
VCC = 2.7V to 3.6V
0.6
Input Logic Threshold Low
TIN, EN, SHDN
VCC = 5.0V +5%, -10%
0.8
V
VCC = 2.7V to 3.6V
1.8
Input Logic Threshold High
TIN, EN, SHDN
VCC = 5.0V +5%, -10%
3.0
V
Output Voltage Low
IOUT = 1.6mA
0.4
V
Output Voltage High
IOUT = -1.0mA
V
Output Leakage Current
EN = GND, 0V
≤ ROUT ≤ VCC
0.05
±10
µA
Operating Supply Voltage
2.7
5.25
V
No load
20
33
VCC Power-Supply Current
VCC = 3.3V
All outputs loaded 3k
Ω
24
mA
EN = VCC, SHDN = GND, TA = +25°C
45
130
µA
Shutdown Supply Current
SHDN = EN = GND, TA = +25°C
1
50
µA
Output Leakage Current
±10
µA
Output Resistance
VCC = V+ = V- = 0V, VOUT = ±2V
300
Ω
Output Short-Circuit Current
VOUT = 0V
±60
mA
Shutdown Supply Current with
Receivers Active
VCC -0.5
CONDITIONS
EIA/TIA-562 TRANSMITTERS
EIA/TIA-562 RECEIVERS
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com