Electronic Components Datasheet Search
  English  ▼

X  

MAX545AEPD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX545AEPD
Description  5V, Serial-Input, Voltage-Output, 14-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX545AEPD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX545AEPD Datasheet HTML 1Page - Maxim Integrated Products MAX545AEPD Datasheet HTML 2Page - Maxim Integrated Products MAX545AEPD Datasheet HTML 3Page - Maxim Integrated Products MAX545AEPD Datasheet HTML 4Page - Maxim Integrated Products MAX545AEPD Datasheet HTML 5Page - Maxim Integrated Products MAX545AEPD Datasheet HTML 6Page - Maxim Integrated Products MAX545AEPD Datasheet HTML 7Page - Maxim Integrated Products MAX545AEPD Datasheet HTML 8Page - Maxim Integrated Products MAX545AEPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
+5V, Serial-Input, Voltage-Output, 14-Bit DACs
_______________________________________________________________________________________
5
FULL-SCALE STEP RESPONSE
(fSCLK = 10MHz)
2
µs/div
OUT
500mV/div
CL = 10pF
RL =
∞
1
µs/div
FULL-SCALE STEP RESPONSE
(fSCLK = 20MHz)
2
µs/div
OUT
500mV/div
400ns/div
CL = 10pF
RL =
∞
MAX544/MAX545-11
MAJOR-CARRY OUTPUT GLITCH
2µs/div
OUT
(AC-COUPLED,
100mV/div)
CS
(5V/div)
MAX544/MAX545-12
DIGITAL FEEDTHROUGH
2µs/div
SCLK
5V/div
OUT
(AC-COUPLED,
50mV/div)
CODE = 0000 hex
Typical Operating Characteristics (continued)
(VDD = +5V, VREF = +2.5V, TA = +25°C, unless otherwise noted.)
Pin Descriptions
+5V Supply Voltage
VDD
8
Digital Ground
DGND
7
Serial-Data Input
DIN
6
Serial-Clock Input. Duty cycle must be between 40% and 60%.
SCLK
5
Chip-Select Input
CS
4
Voltage Reference Input. Connect to external +2.5V reference.
REF
3
Analog Ground
AGND
2
DAC Output Voltage
OUT
1
FUNCTION
NAME
PIN
MAX544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com