Electronic Components Datasheet Search
  English  ▼

X  

MAX5721 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5721
Description  10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5721 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5721 Datasheet HTML 2Page - Maxim Integrated Products MAX5721 Datasheet HTML 3Page - Maxim Integrated Products MAX5721 Datasheet HTML 4Page - Maxim Integrated Products MAX5721 Datasheet HTML 5Page - Maxim Integrated Products MAX5721 Datasheet HTML 6Page - Maxim Integrated Products MAX5721 Datasheet HTML 7Page - Maxim Integrated Products MAX5721 Datasheet HTML 8Page - Maxim Integrated Products MAX5721 Datasheet HTML 9Page - Maxim Integrated Products MAX5721 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
10-Bit, Low-Power, Dual, Voltage-Output
DAC with Serial Interface
6
_______________________________________________________________________________________
HALF-SCALE SETTLING TIME (VDD = +3V)
MAX5721 toc19
VOUT_
1V/div
1
µs/div
VSCLK
5V/div
CODE 100 HEX TO 300 HEX
RL = 5k
Ω
CL = 200pF
HALF-SCALE SETTLING TIME (VDD = +3V)
MAX5721 toc20
VOUT_
1V/div
1
µs/div
VSCLK
5V/div
CODE 300 HEX TO 100 HEX
RL = 5k
Ω
CL = 200pF
Typical Operating Characteristics (continued)
(VREF = VDD, TA = +25°C, unless otherwise noted.)
EXITING POWER-DOWN (VDD = +5V)
MAX5721 toc21
VOUT_
1V/div
5
µs/div
VSCLK
5V/div
CODE 200 HEX
DIGITAL-TO-ANALOG GLITCH IMPULSE
(VDD = +5V)
MAX5721 toc22
VOUT_
AC-COUPLED,
20mV/div
1
µs/div
CODE 1FF HEX
TO 200 HEX
SCLK,
fSCLK = 500kHz
2V/div
DIGITAL-TO-ANALOG GLITCH IMPULSE
(VDD = +3V)
MAX5721 toc23
VOUT_
AC-COUPLED,
50mV/div
1
µs/div
SCLK,
fSCLK = 500kHz,
2V/div
CODE 1FF HEX
TO 200 HEX
DIGITAL-TO-ANALOG GLITCH IMPULSE
(VDD = +5V)
MAX5721 toc24
VOUT_
AC-COUPLED,
50mV/div
1
µs/div
CODE 200 HEX
TO 1FF HEX
SCLK,
fSCLK = 500kHz,
2V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com