Electronic Components Datasheet Search
  English  ▼

X  

TWC-USB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TWC-USB
Description  Navigan??Wireless Commissioner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TWC-USB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TWC-USB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Navigan™ Wireless
Commissioner
TWC-USB
Specifications
Housing size
(including cap)
70 mm x 23 mm x 9 mm
USB Connector
Type A
RF Communications
EnOcean 902 MHz
Antenna
Whip antenna
LED indicator
USB bus activity
Power supply
Environment
Indoor use only / 32° to 104° F (0° to 40° C)
20% to 85% relative humidity (non condensing)
Agency compliance
FCC, IC, RoHS
Rev 9-16-15
ZenNet Wireless Lighting Controls
Part Number
Description
TWC-USB
USB data stick with Navigan
™ Wireless Commissioner software
Agency Compliance
FCC
IC
Navigan™ Wireless Commissioner TWC-USB enables simple,
wireless configuration of compatible EnOcean controllers.
TWC-USB can be used to associate (link) supported sensors and
switches with these controllers to form advanced control systems.
In addition, advanced configuration parameters can be defined using
the PC-based user interface.
Configuration settings can be saved and restored or cloned to enable
quick configuration of multiple controllers.
Interactive help is available in the form of a comprehensive and guided
walk-through process.
Currently the following ZenNet products are compatible with TWC-USB:
• TWR-HW-W
Hardware Relay Module
• TWR-D10-W
Dimming Relay Module
• TWR-PI
Plug-In Wireless Relay
E332160
Sign Components Manual
(Equal to EnOcean part # NWC-300U)


Similar Part No. - TWC-USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TWC-78-1 ETC2-TWC-78-1 Datasheet
124Kb / 1P
CABLE, RADIO FREQUENCY, TWIN CONDUCTOR, BALANCED LINE
More results

Similar Description - TWC-USB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VCO3030A CTS-VCO3030A Datasheet
169Kb / 3P
Wireless Infrastructure
logo
TDK Electronics
WRM483245 TDK-WRM483245 Datasheet
100Kb / 5P
Wireless Charging
logo
YAGEO Corporation
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
WIRELESS COMPONENTS
logo
Infineon Technologies A...
IRL60HS118 INFINEON-IRL60HS118 Datasheet
1Mb / 16P
Wireless charging
V1.2 2017-03-29
logo
VIA Technologies, Inc.
VNT9271 VIA-VNT9271 Datasheet
268Kb / 2P
Wireless Accessories
logo
PHOENIX CONTACT
2884363 PHOENIX-2884363 Datasheet
47Kb / 1P
Wireless set - WIRELESS MUX DEMO SET
11/05/2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com