Electronic Components Datasheet Search
  English  ▼

X  

MAX545 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX545
Description  5V, Serial-Input, Voltage-Output, 14-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX545 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX545 Datasheet HTML 1Page - Maxim Integrated Products MAX545 Datasheet HTML 2Page - Maxim Integrated Products MAX545 Datasheet HTML 3Page - Maxim Integrated Products MAX545 Datasheet HTML 4Page - Maxim Integrated Products MAX545 Datasheet HTML 5Page - Maxim Integrated Products MAX545 Datasheet HTML 6Page - Maxim Integrated Products MAX545 Datasheet HTML 7Page - Maxim Integrated Products MAX545 Datasheet HTML 8Page - Maxim Integrated Products MAX545 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX544/MAX545 are serial-input, voltage-output,
14-bit digital-to-analog converters (DACs) that operate
from a single +5V supply. They provide 14-bit perfor-
mance (±0.5LSB INL and ±0.9LSB DNL) over tempera-
ture without any adjustments. The DAC output is
unbuffered, resulting in a low supply current of 0.3mA
and a low offset error of 0.6mV.
The DAC output range is 0V to VREF. For bipolar opera-
tion, matched scaling resistors are provided in the
MAX545 for use with an external precision op amp
(such as the MAX400), generating a ±VREF output
swing. The MAX545 also includes Kelvin-sense con-
nections for the reference and analog ground pins to
reduce layout sensitivity.
A 16-bit serial word is used to load data into the DAC
latch. The 10MHz, 3-wire serial interface is compatible
with SPI™/QSPI™/MICROWIRE™, and it also interfaces
directly with optocouplers for applications requiring isola-
tion. A power-on reset circuit clears the DAC output to 0V
(unipolar mode) when power is initially applied.
The MAX544 is available in 8-pin plastic DIP and SO
packages. The MAX545 is available in 14-pin plastic
DIP and SO packages.
Applications
Digital Offset and Gain Adjustment
Instrumentation
Industrial Process Control
Automated Test Equipment
Data-Acquisition Systems
Features
o Full 14-Bit Performance Without Adjustments
o +5V Single-Supply Operation
o Low Power: 1.5mW
o 1µs Settling Time
o Unbuffered Voltage Output Directly Drives 60kΩ
Loads
o SPI/QSPI/MICROWIRE-Compatible Serial Interface
o Power-On Reset Circuit Clears DAC Output to 0V
(unipolar mode)
o Schmitt-Trigger Inputs for Direct Optocoupler
Interface
o Pin-Compatible 16-Bit Upgrades
(MAX541/MAX542)
+5V, Serial-Input, Voltage-Output, 14-Bit DACs
________________________________________________________________ Maxim Integrated Products
1
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VDD
INV
DGND
LDAC
AGNDS
AGNDF
OUT
RFB
TOP VIEW
MAX545
DIN
N.C.
SCLK
CS
REFF
REFS
DIP/SO
DIN
REF
SCLK
CS
1
2
8
7
VDD
DGND
AGND
OUT
MAX544
3
4
6
5
DIP/SO
Pin Configurations
14-BIT DAC
DATA LATCH
SERIAL INPUT REGISTER
CONTROL
LOGIC
MAX545
REFF
REFS
CS
DIN
SCLK
AGNDS
AGNDF
OUT
INV
RFB
VDD
DGND
LDAC
RFB
RINV
Functional Diagrams
19-1088; Rev 3; 12/99
PART
MAX544ACPA
MAX544BCPA
MAX544ACSA
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 Plastic DIP
8 SO
Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
MAX544BCSA
0°C to +70°C
8 SO
INL
(LSB)
±1/2
±1
±1/2
±1
Ordering Information continued at end of data sheet.
Functional Diagrams continued at end of data sheet.


Similar Part No. - MAX545

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5450-MAX5455 MAXIM-MAX5450-MAX5455 Datasheet
607Kb / 12P
Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5450EUB MAXIM-MAX5450EUB Datasheet
607Kb / 12P
Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5451 MAXIM-MAX5451 Datasheet
607Kb / 12P
Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5451EUD MAXIM-MAX5451EUD Datasheet
607Kb / 12P
Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
More results

Similar Description - MAX545

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5551 AD-AD5551 Datasheet
208Kb / 12P
5 V, Serial-Input Voltage-Output, 14-Bit DACs
logo
Maxim Integrated Produc...
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
Serial Input, Voltage Output 12-/14-Bit DACs
REV.0
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
logo
Analog Devices
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com