Electronic Components Datasheet Search
  English  ▼

X  

LR7843 Datasheet(PDF) 1 Page - International Rectifier

Part # LR7843
Description  Simple Drive Requirements
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LR7843 Datasheet(HTML) 1 Page - International Rectifier

  LR7843 Datasheet HTML 1Page - International Rectifier LR7843 Datasheet HTML 2Page - International Rectifier LR7843 Datasheet HTML 3Page - International Rectifier LR7843 Datasheet HTML 4Page - International Rectifier LR7843 Datasheet HTML 5Page - International Rectifier LR7843 Datasheet HTML 6Page - International Rectifier LR7843 Datasheet HTML 7Page - International Rectifier LR7843 Datasheet HTML 8Page - International Rectifier LR7843 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
04/30/08
IRLR7843PbF
IRLU7843PbF
HEXFET® Power MOSFET
Notes
 through … are on page 11
Applications
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l Lead-Free
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
g
W
PD @TC = 100°C Maximum Power Dissipation g
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.05
RθJA
Junction-to-Ambient (PCB Mount)
gÃ
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
140
Max.
161
f
113
f
620
± 20
30
0.95
71
300 (1.6mm from case)
-55 to + 175
VDSS RDS(on) max
Qg
30V
3.3m
:
34nC
D-Pak
IRLR7843PbF
I-Pak
IRLU7843PbF
PD - 95440B


Similar Part No. - LR7843

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LR7843 IRF-LR7843 Datasheet
202Kb / 11P
HEXFET Power MOSFET
LR7843 IRF-LR7843 Datasheet
298Kb / 11P
HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
LR7843 VBSEMI-LR7843 Datasheet
1,001Kb / 7P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - LR7843

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com