Electronic Components Datasheet Search
  English  ▼

X  

MAX549 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX549
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX549 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX549 Datasheet HTML 1Page - Maxim Integrated Products MAX549 Datasheet HTML 2Page - Maxim Integrated Products MAX549 Datasheet HTML 3Page - Maxim Integrated Products MAX549 Datasheet HTML 4Page - Maxim Integrated Products MAX549 Datasheet HTML 5Page - Maxim Integrated Products MAX549 Datasheet HTML 6Page - Maxim Integrated Products MAX549 Datasheet HTML 7Page - Maxim Integrated Products MAX549 Datasheet HTML 8Page - Maxim Integrated Products MAX549 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VDD = VREF = 2.5V, RL = 1MΩ, CL = 15pF, TA = +25°C, unless otherwise noted.)
-60
-20
20
100
OPERATING CURRENT PER DAC
vs. TEMPERATURE
75.0
74.6
149.8
150.2
TEMPERATURE (°C)
60
149.4
75.4
VDD = VREF = 5.0V
VDD = VREF = 2.5V
-60
-20
20
100
SHUTDOWN CURRENT
vs. TEMPERATURE
36
32
28
160
200
240
TEMPERATURE (°C)
60
120
40
VDD = VREF = 5.0V
VDD = VREF = 2.5V
-50
1k
10k
100k
1M
10M
MAX549A/MAX550A
REFERENCE SMALL-SIGNAL
FREQUENCY RESPONSE
-40
10
0
FREQUENCY (Hz)
-20
-30
-10
DAC CODE = FF hex
VDD = 5V
VREF = 2Vp-p SINE WAVE
VDD = 2.5V
VREF = 100mVp-p SINE WAVE
0
-100
10
1M
100k
10k
1k
100
MAX549A/MAX550A
REFERENCE AC FEEDTHROUGH
vs. FREQUENCY
-60
-80
FREQUENCY (Hz)
-40
-20
VREF = 1Vp-p SINE WAVE
DAC CODE = 00 hex
DIGITAL FEEDTHROUGH
SCLK, 5V/div
OUT, 50mV/div
200ns/div
SETTLING TIME (FALLING)
OUT, 1V/div
2
µs/div
CS, 5V/div
DAC CODE FF hex to 00 hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com