Electronic Components Datasheet Search
  English  ▼

X  

NJM2274 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2274
Description  LOW POWER VIDEO AMPLIFIER WITH Y-C MIXER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2274 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2274 Datasheet HTML 1Page - New Japan Radio NJM2274 Datasheet HTML 2Page - New Japan Radio NJM2274 Datasheet HTML 3Page - New Japan Radio NJM2274 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NJM2274
- 2 -
s ABOSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMRTER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7.0
V
Power Dissipation
PD
320
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s ELECTRICAL CHARACTERISTICS ( V
+=3.0V,Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
Vopr
2.8
3.0
5.5
V
Operating Current
Iccq
No Signal
-
9.3
12.0
mA
Operating Current
(Power Save Mode)
Iccs
Power Save Mode
-
0.9
1.2
mA
Maximum Output Voltage
Vom
f=1kHz,THD=1%
2.2
-
-
Vpp
Voltage Gain
Gv
Yin=100kHz , 0.5Vpp,
Sine Video Signal (note)
11.9
12.4
12.9
dB
Frequency Characteristic
Gf
Yin=10MHz/100kHz,0.5Vpp,
Sine Video Signal (note)
-1.0
0
+1.0
dB
Differential Gain
DG
Yin=0.5Vpp,10Step Video Signal
-
2.5
-
%
Differential Phase
DP
Yin=0.5Vpp,10Step Video Signal
-
1.0
-
deg
Chroma Mute Cross talk
CT
Cin=4.43MHz,0.1Vpp
-
-65
-
dB
S/N
SNv
Yin=0.5Vpp, 100%White Video
Signal , Cin=AC gnd Wide Band
100kHz to 6MHz,RL=75ohm
-
-60
-
dB
Second Distortion
Hv
Yin=0.5Vpp,3.58MHz Red Field
Video Signal, Cin=AC gnd
RL=75ohm
-
-40
-
dB
Input Resistance
Zinc
Chroma Input
16
20
24
k
Ω
VthMH
1.4
-
V
+
Mute Switch Change Voltage
VthML
0
-
0.6
V
VthPH
1.4
-
V
+
Power Save Switch
Change Voltage
VthPL
0
-
0.6
V
(note) Sine Video Signal
714mVpp
286mVpp
40uS<t<50uS
357mVpp



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com