Electronic Components Datasheet Search
  English  ▼

X  

MAX5864E/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5864E/D
Description  Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5864E/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5864E/D Datasheet HTML 5Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 6Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 7Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 8Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 9Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 10Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 11Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 12Page - Maxim Integrated Products MAX5864E/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Ultra-Low-Power, High Dynamic-
Performance, 22Msps Analog Front End
_______________________________________________________________________________________
9
-75
-70
-65
-60
-55
-50
-80
ADC TOTAL HARMONIC DISTORTION
vs. SAMPLING RATE
SAMPLING RATE (MHz)
19
16
13
10
722
fIN = 5.50885
55
65
65
70
75
80
50
ADC SPURIOUS-FREE DYNAMIC RANGE
vs. SAMPLING RATE
SAMPLING RATE (MHz)
19
16
13
10
722
fIN = 5.50885
ADC SIGNAL-TO-NOISE RATIO
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
60
55
50
45
40
46
47
48
49
50
45
35
65
fIN = 5.50885
IA
QA
ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
60
55
50
45
40
46
47
48
49
50
45
35
65
fIN = 5.50885
IA
QA
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-80
ADC TOTAL HARMONIC DISTORTION
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
60
55
50
45
40
35
65
fIN = 5.050885
ADC SPURIOUS-FREE DYNAMIC RANGE
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
60
55
50
45
40
55
60
65
70
75
80
50
35
65
fIN = 5.050885
Typical Operating Characteristics (continued)
(VDD = DVDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 22MHz 50% duty cycle, ADC
input amplitude = -0.5dBFS, DAC output amplitude = 0dBFS, differential ADC input, differential DAC output, CREFP = CREFN =
CCOM = 0.33µF, Xcvr mode, TA = +25
°C, unless otherwise noted.)
35
40
45
50
55
60
65
70
75
80
30
ADC SPURIOUS -FREE DYNAMIC RANGE
vs. ANALOG INPUT POWER
ANALOG INPUT POWER (dBFS)
-4
-8
-12
-16
-20
-24
0
fIN = 5.50885
ADC SIGNAL-TO-NOISE RATIO
vs. SAMPLING RATE
SAMPLING RATE (MHz)
19
16
13
10
46
47
48
49
50
45
722
QA
IA
fIN = 5.50885
ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. SAMPLING RATE
SAMPLING RATE (MHz)
19
16
13
10
46
47
48
49
50
45
722
QA
IA
fIN = 5.50885



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com